Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1420302VYC Datasheet(PDF) 9 Page - Intersil Corporation

Part # 5962R1420302VYC
Description  Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1420302VYC Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 5962R1420302VYC Datasheet HTML 5Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 6Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 7Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 8Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 9Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 10Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 11Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 12Page - Intersil Corporation 5962R1420302VYC Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ISL70003ASEH
9
FN8746.0
August 5, 2015
Submit Document Feedback
Typical Application Schematics
FIGURE 4. ISL70003ASEH SINGLE UNIT OPERATION
FB
SS
2
16
PGOOD
IMON
SYNC
22
51
15
LX9
LX8
LX7
LX6
LX5
LX4
LX3
LX2
LX1
27
33
36
39
42
45
48
54
57
LX10 24
OCA
OCB 60
59
64
ISL70003SEH
3.3µH
1µF
+
150µF
x3
10
1nF
4.02k
4.02k
0.1µF
0.22µF
100k
6.8nF
6.8nF
25k
5.49k
VOUT = 3.3V
3k
10nF
10nF
VIN = 12V
+
4x100µF
5 x 1µF
1nF
REF
NI
VERR
1
3
357
2.7nF
12pF 51.1k
7.15k
51k
VREFOUTS
9
11
VREFA
VREFD
5
0.47µF
0.47µF
0.47µF
22k
370pF
10k
VIMON
PGOOD
ISL70003ASEH
P
D
A
P
P
P
P
P
P
P
P
P
D
D
D
D
A
A
A
A
A
A
A
A
A
P


Similar Part No. - 5962R1420302VYC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R1420302VYC RENESAS-5962R1420302VYC Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
More results

Similar Description - 5962R1420302VYC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com