Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003ASEH Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL70003ASEH
Description  Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003ASEH Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL70003ASEH Datasheet HTML 12Page - Intersil Corporation ISL70003ASEH Datasheet HTML 13Page - Intersil Corporation ISL70003ASEH Datasheet HTML 14Page - Intersil Corporation ISL70003ASEH Datasheet HTML 15Page - Intersil Corporation ISL70003ASEH Datasheet HTML 16Page - Intersil Corporation ISL70003ASEH Datasheet HTML 17Page - Intersil Corporation ISL70003ASEH Datasheet HTML 18Page - Intersil Corporation ISL70003ASEH Datasheet HTML 19Page - Intersil Corporation ISL70003ASEH Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ISL70003ASEH
16
FN8746.0
August 5, 2015
Submit Document Feedback
FIGURE 12. EFFICIENCY vs LOAD, VIN = 3.3V, 300kHz
FIGURE 13. EFFICIENCY vs LOAD, VIN = 3.3V, 500kHz
FIGURE 14. EFFICIENCY vs LOAD, VIN = 12V, VOUT = 5V, 300kHz
FIGURE 15. EFFICIENCY vs LOAD, VIN = 12V, VOUT = 3.3V, 500kHz
FIGURE 16. EFFICIENCY vs LOAD, VIN = 5V, VOUT = 3.3V, 500kHz
FIGURE 17. EFFICIENCY vs LOAD, VIN = 5V, VOUT = 2.5V, 500kHz
Typical Performance Curves Unless otherwise noted, Test platform is the ISL70003ASEHEV1Z where V
IN = 12V,
VOUT = 3.3V, IOUT = 3A, fSW = 500kHz, CIN = 4x 100µF + 5x1µF, LOUT = 3.3µH, COUT = 1x 150µF + 1µF, TCASE = +25°C, All outputs active. (Continued)
50
55
60
65
70
75
80
85
90
95
100
0
123
45
678
9
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
50
55
60
65
70
75
80
85
90
95
100
01
234
56789
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
60
65
70
75
80
85
90
95
100
0
123
45
678
9
LOAD CURRENT (A)
TC = +125°C
TC = -55°C
TC = +25°C
TC = +85°C
60
65
70
75
80
85
90
95
100
012
345678
9
LOAD CURRENT (A)
TC = -55°C
TC = +25°C
TC = +125°C
TC = +85°C
60
65
70
75
80
85
90
95
100
0
1
2
345
67
89
LOAD CURRENT (A)
TC = +125°C
TC = +85°C
TC = +25°C
TC = -55°C
60
65
70
75
80
85
90
95
100
0123456789
LOAD CURRENT (A)
TC = +125°C
TC = +85°C
TC = +25°C
TC = -55°C


Similar Part No. - ISL70003ASEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEHEV1Z RENESAS-ISL70003ASEHEV1Z Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003ASEHEV2Z RENESAS-ISL70003ASEHEV2Z Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003ASEHFE RENESAS-ISL70003ASEHFE Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
More results

Similar Description - ISL70003ASEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com