Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9120IRTAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9120IRTAZ
Description  Compact High Efficiency Low Power Buck-Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9120IRTAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9120IRTAZ Datasheet HTML 1Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 2Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 3Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 4Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 5Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 6Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 7Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 8Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL9120IR
3
FN8743.1
February 2, 2016
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT
(V)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL9120IRTAZ
120A
ADJ.
-40 to +85
12 Ld 3x3 TQFN
L12.3x3A
ISL9120IRTNZ
120N
3.3
-40 to +85
12 Ld 3x3 TQFN
L12.3x3A
ISL9120IRN-EVZ
Evaluation Board for ISL9120IRNZ
ISL9120IRA-EVZ
Evaluation Board for ISL9120IRAZ
NOTES:
1. Add “-T*” suffix for 3k unit tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL9120. For more information on MSL, please see tech brief TB363.
FIGURE 4. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
ISL9120
ISL9120IR
Buck-boost
regulation
Yes
Yes
Bypass
Yes
Yes
Package
1.41x1.41mm 9-Bump
WLCSP
3x3mm 12Ld TQFN


Similar Part No. - ISL9120IRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120IRTAZ RENESAS-ISL9120IRTAZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
More results

Similar Description - ISL9120IRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9120 INTERSIL-ISL9120 Datasheet
131Kb / 2P
   Compact High Efficiency Low Power Buck-Boost Regulator
January 29, 2016
logo
Renesas Technology Corp
ISL9120IR RENESAS-ISL9120IR Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
   High Efficiency Buck-Boost Regulator with 3.6A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com