Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8117DEMO1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8117DEMO1Z
Description  Synchronous Step-down PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8117DEMO1Z Datasheet HTML 2Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 3Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 4Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 5Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 6Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 7Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 9Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL8117
6
FN8666.3
June 4, 2015
Submit Document Feedback
Typical Application Schematics
FIGURE 4. ISL8117EVAL1Z EVALUATION BOARD SCHEMATIC
FIGURE 5. ISL8117EVAL2Z EVALUATION BOARD SCHEMATIC
Q1A
BUK9K17-60EX
C3
0.047u/25V
R9
2
3.3V/6A
VOUT
1
R6
76.8k
C20
470p/100V
R2
11k
GND
1
R5
10k
C9
200u/6.3V
U1
ISL8117
EXTBIAS
1
EN
2
CLKOUT
3
MOD/SYNC
4
PGOOD
5
RT
6
SS/TRK
7
FB
8
PGND
9
LGATE/OCS
10
VCC5
11
ISEN
12
PHASE
13
UGATE
14
BOOT
15
VIN
16
L1
3.3u
4.5- 60V
VIN
1
C1
4.7u/10V
R11
5.1
C5
0.1u/25V
Q1B
R10
2.2
R7
3k
R4
22k
C4
0.1u/100V
C6
220p/50V
C8
100u/100V
R3
10k
R1
49.9k
GND
1
C2
0.22u/25V
18V~60V
12V/20A
R6
0
C8
220u/100V
R12
1
Q2
BSC067N06LS3
U2
ISL80138
IN
2
EN
7
ADJ
12
OUT
14
VOUT
1
C5
0.01u/25V
R1
49.9k
C1
4.7u/10V
R9
10
C7
100p/100V
R4
91k
GND
1
R7
5.1k
Q3
BSC067N06LS3
R5
10k
VIN
1
R10
10k
C6
220p/50V
C9
330u/35V
C4
0.1u/100V
R11
30.9k
L1
3.3uH
Q1
BSC067N06LS3
C3
0.047u/25V
U1
ISL8117
CLKOUT
1
MOD/SYNC
2
PGOOD
3
RT
4
VCC5V
9
ISEN
10
PHASE
11
UGATE
12
R2
2.62k
R8
22
GND
1
D1
DNP
Q4
BSC067N06LS3
C2
1u/25V
C16
4.7u/10V
R3
5.1k


Similar Part No. - ISL8117DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117DEMO1Z RENESAS-ISL8117DEMO1Z Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
More results

Similar Description - ISL8117DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com