Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9956006V9A Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962F9956006V9A
Description  Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9956006V9A Datasheet(HTML) 5 Page - Intersil Corporation

  5962F9956006V9A Datasheet HTML 1Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 2Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 3Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 4Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 5Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 6Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 7Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 8Page - Intersil Corporation 5962F9956006V9A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HS-4424DRH, HS4424DEH
5
FN8747.2
October 15, 2015
Submit Document Feedback
VOL
Output Voltage Low
VS = 8V, IOUT = 5mA
0.45
0.8
V
0.8
V
VOH
Output Voltage High
VS = 8V, IOUT = 50mA
VS - 0.95
VS - 0.75
V
VS - 1.1
V
VOL
Output Voltage Low
VS = 8V, IOUT = 50mA
0.75
0.95
V
1.1
V
VOH
Output Voltage High
VS = 12V, IOUT = 5mA
VS - 0.75
VS - 0.45
V
VS - 0.75
V
VOL
Output Voltage Low
VS = 12V, IOUT = 5mA
0.45
0.8
V
0.8
V
VOH
Output Voltage High
VS = 12V, IOUT = 50mA
VS - 0.95
VS - 0.75
V
VS - 1.1
V
VOL
Output Voltage Low
VS = 12V, IOUT = 50mA
0.75
0.95
V
1.1
V
VOH
Output Voltage High
VS = 18V, IOUT = 5mA
VS - 0.75
VS - 0.45
V
VS - 0.75
V
VOL
Output Voltage Low
VS = 18V, IOUT = 5mA
0.45
0.8
V
0.8
V
VOH
Output Voltage High
VS = 18V, IOUT = 50mA
VS - 0.95
VS - 0.75
V
VS - 1.1
V
VOL
Output Voltage Low
VS = 18V, IOUT = 50mA
0.75
0.95
V
1.1
V
VIH_18
Input Voltage High Threshold
VS = 18V
3
V
3.1
V
VIL_18
Input Voltage Low Threshold
VS = 18V
0.8
V
0.8
V
VIHYS_18
Input Voltage Threshold Hysteresis
VS = 18V
100
mV
VIH_12
Input Voltage High Threshold
VS = 12V
3
V
3.1
V
VIL_12
Input Voltage Low Threshold
VS = 12V
0.8
V
0.8
V
VHYS_12
Input Voltage Threshold Hysteresis
VS = 12V
100
mV
VIH_8
Input Voltage High Threshold
VS = 8V
3
V
3.1
V
VIL_8
Input Voltage Low Threshold
VS = 8V
0.8
V
0.8
V
VHYS_8
Input Voltage Threshold Hysteresis
VS = 8V
100
mV
UVLO_r
Rising Undervoltage Lockout
7.2
7.5
7.8
V
6.9
7.95
V
UVLO_f
Falling Undervoltage Lockout
7.1
7.45
7.75
V
6.8
7.9
V
HYS_UVLO
Undervoltage Lockout Hysteresis
UVLO_r - UVLO_f
23
mV
24
mV
Min_PW
Minimum Input Pulse Width
100
ns
Electrical Specifications V
CC = 8V, 12V, 18V, TA= +25°C, unless otherwise noted. Boldface limits apply across the operating
temperature range, -55°C to +125°C; over radiation total ionizing dose. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)UNIT


Similar Part No. - 5962F9956006V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9956001QXC INTERSIL-5962F9956001QXC Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956001V9A INTERSIL-5962F9956001V9A Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956001VXC INTERSIL-5962F9956001VXC Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956002QXC INTERSIL-5962F9956002QXC Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956002V9A INTERSIL-5962F9956002V9A Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
More results

Similar Description - 5962F9956006V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com