Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8018IRAJZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8018IRAJZ
Description  8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8018IRAJZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8018IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 10Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 11Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 12Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 13Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 14Page - Intersil Corporation ISL8018IRAJZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL8018
11
FN7889.0
September 30, 2015
Submit Document Feedback
FIGURE 16. STEADY STATE OPERATION AT NO LOAD (PWM)
FIGURE 17. STEADY STATE OPERATION AT NO LOAD (PFM)
FIGURE 18. STEADY STATE OPERATION WITH FULL LOAD
FIGURE 19. LOAD TRANSIENT (PWM)
FIGURE 20. LOAD TRANSIENT (PFM)
FIGURE 21. SOFT-START WITH NO LOAD (PWM)
Typical Operating Performance Unlessotherwisenoted,operatingconditionsare:T
A = +25°C, VIN = 5V, EN = 3.3V,
SYNCIN = VIN, L = 1µH, C1 = 2x22µF, C2 = 4x22µF, VOUT = 1.8V, IOUT = 0A to 8A. (Continued)
PHASE 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
500ns/DIV
PHASE 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
2µs/DIV
PHASE 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 2A/DIV
500ns/DIV
VOUT RIPPLE 50mV/DIV
IL 2A/DIV
1ms/DIV
VOUT RIPPLE 50mV/DIV
IL 2A/DIV
1ms/DIV
EN 2V/DIV
VOUT 1V/DIV
IL 2A/DIV
PG 5V/DIV
5ms/DIV


Similar Part No. - ISL8018IRAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8018IRAJZ RENESAS-ISL8018IRAJZ Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8018IRAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com