Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3259E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL3259E
Description  15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3259E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL3259E_14 Datasheet HTML 1Page - Intersil Corporation ISL3259E_14 Datasheet HTML 2Page - Intersil Corporation ISL3259E_14 Datasheet HTML 3Page - Intersil Corporation ISL3259E_14 Datasheet HTML 4Page - Intersil Corporation ISL3259E_14 Datasheet HTML 5Page - Intersil Corporation ISL3259E_14 Datasheet HTML 6Page - Intersil Corporation ISL3259E_14 Datasheet HTML 7Page - Intersil Corporation ISL3259E_14 Datasheet HTML 8Page - Intersil Corporation ISL3259E_14 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6587.1
February 18, 2008
Ordering Information
PART NUMBER
(Notes 1, 2)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL3259EIBZ
3259 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3259EIUZ
3259Z
-40 to +85
8 Ld MSOP
M8.118
ISL3259EIRZ
3259
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
Pinouts
ISL3259E
(8 LD MSOP, SOIC)
TOP VIEW
ISL3259E
(10 LD DFN)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
2
3
4
1
5
9
8
7
10
6
RO
RE
DE
DI
NC
VCC
NC
B/Z
A/Y
GND
Truth Table
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z*
High-Z*
NOTE: *Shutdown Mode
Truth Table
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
≥-0.05V
1
00
≤-0.2V
0
0
0
Inputs Open/Shorted
1
1
1
X
High-Z
1
0
X
High-Z*
NOTE: *Shutdown Mode
ISL3259E


Similar Part No. - ISL3259E_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3259EIBZ INTERSIL-ISL3259EIBZ Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3259EIRZ INTERSIL-ISL3259EIRZ Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259EIRZ INTERSIL-ISL3259EIRZ Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3259EIUZ INTERSIL-ISL3259EIUZ Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259EIUZ INTERSIL-ISL3259EIUZ Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3259E_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com