Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 71 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 67Page - ATMEL Corporation AT90S4433 Datasheet HTML 68Page - ATMEL Corporation AT90S4433 Datasheet HTML 69Page - ATMEL Corporation AT90S4433 Datasheet HTML 70Page - ATMEL Corporation AT90S4433 Datasheet HTML 71Page - ATMEL Corporation AT90S4433 Datasheet HTML 72Page - ATMEL Corporation AT90S4433 Datasheet HTML 73Page - ATMEL Corporation AT90S4433 Datasheet HTML 74Page - ATMEL Corporation AT90S4433 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
71
AT90S/LS4433
1042H–AVR–04/03
Notes:
1. Minimum for AVCC is 2.7V.
2. Maximum for AVCC is 6.0V.
ADC Characteristics T
A = -40°C to 85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
10
Bits
Absolute Accuracy
V
REF = 4V
ADC clock = 200 kHz
12
LSB
Absolute Accuracy
V
REF = 4V
ADC clock = 1 MHz
4LSB
Absolute Accuracy
VREF = 4V
ADC clock = 2 MHz
16
LSB
Integral Non-linearity
VREF > 2V
0.5
LSB
Differential Non-linearity
VREF > 2V
0.5
LSB
Zero Error (Offset)
1
LSB
Conversion Time
65
260
µs
Clock Frequency
50
200
kHz
AVCC
Analog Supply Voltage
V
CC - 0.3
(1)
V
CC + 0.3
(2)
V
VREF
Reference Voltage
2
AVCC
V
RREF
Reference Input Resistance
6
10
13
k
R
AIN
Analog Input Resistance
100
M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn