Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90S4433 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 63Page - ATMEL Corporation AT90S4433 Datasheet HTML 64Page - ATMEL Corporation AT90S4433 Datasheet HTML 65Page - ATMEL Corporation AT90S4433 Datasheet HTML 66Page - ATMEL Corporation AT90S4433 Datasheet HTML 67Page - ATMEL Corporation AT90S4433 Datasheet HTML 68Page - ATMEL Corporation AT90S4433 Datasheet HTML 69Page - ATMEL Corporation AT90S4433 Datasheet HTML 70Page - ATMEL Corporation AT90S4433 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 126 page
background image
67
AT90S/LS4433
1042H–AVR–04/03
Figure 47. ADC Timing Diagram, Single Conversion
Figure 48. ADC Timing Diagram, Free Run Conversion
ADC Noise Canceler
Function
The ADC features a Noise Canceler that enables conversion during Idle mode to reduce
noise induced from the CPU core. To make use of this feature, the following procedure
should be used:
1.
Make sure that the ADC is enabled and is not busy converting. Single Conver-
sion mode must be selected and the ADC conversion complete interrupt must be
enabled. Thus:
ADEN = 1
ADSC = 0
ADFR = 0
ADIE = 1
2.
Enter Idle mode. The ADC will start a conversion once the CPU has been halted.
3.
If no other interrupts occur before the ADC conversion completes, the ADC inter-
rupt will wake up the MCU and execute the ADC conversion complete interrupt
routine.
1
2
3
4
5
6
7
8
9
10
11
12
13
Sign and MSB of Result
LSB of Result
ADC Clock
ADSC
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next Conversion
3
Sample & Hold
MUX and REFS
Update
Conversion
complete
MUX and REFS
Update
11
12
13
MSB of Result
LSB of Result
ADC Clock
ADSC
Hold Strobe
ADIF
ADCH
ADCL
Cycle Number
12
One Conversion
Next
Conversion


Similar Part No. - AT90S4433

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4433 ATMEL-AT90S4433 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4433 ATMEL-AT90S4433 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S4433-8AC ATMEL-AT90S4433-8AC Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4433-8AI ATMEL-AT90S4433-8AI Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4433-8PC ATMEL-AT90S4433-8PC Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
More results

Similar Description - AT90S4433

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com