Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 58 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 54Page - ATMEL Corporation AT90S4433 Datasheet HTML 55Page - ATMEL Corporation AT90S4433 Datasheet HTML 56Page - ATMEL Corporation AT90S4433 Datasheet HTML 57Page - ATMEL Corporation AT90S4433 Datasheet HTML 58Page - ATMEL Corporation AT90S4433 Datasheet HTML 59Page - ATMEL Corporation AT90S4433 Datasheet HTML 60Page - ATMEL Corporation AT90S4433 Datasheet HTML 61Page - ATMEL Corporation AT90S4433 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 126 page
background image
58
AT90S/LS4433
1042H–AVR–04/03
• Bit 4 – FE: Framing Error
This bit is set if a Framing Error condition is detected, i.e., when the stop bit of an incom-
ing character is zero.
The FE bit is cleared when the stop bit of received data is one.
• Bit 3 – OR: OverRun
This bit is set if an OverRun condition is detected, i.e., when a character already present
in the UDR Register is not read before the next character has been shifted into the
Receiver Shift Register. The OR bit is buffered, which means that it will be set once the
valid data still in UDRE is read.
The OR bit is cleared (zero) when data is received and transferred to UDR.
• Bits 2..1 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and will always read as zero.
• Bit 0 – MPCM: Multi-processor Communication Mode
This bit is used to enter Multi-processor Communication mode. The bit is set when the
slave MCU waits for an address byte to be received. When the MCU has been
addressed, the MCU switches off the MPCM bit and starts data reception.
For a detailed description, see “Multi-processor Communication Mode”.
UART Control and Status
Register B – UCSRB
• Bit 7 – RXCIE: RX Complete Interrupt Enable
When this bit is set (one), a setting of the RXC bit in UCSRA will cause the Receive
Complete Interrupt routine to be executed, provided that global interrupts are enabled.
• Bit 6 – TXCIE: TX Complete Interrupt Enable
When this bit is set (one), a setting of the TXC bit in UCSRA will cause the Transmit
Complete Interrupt routine to be executed, provided that global interrupts are enabled.
• Bit 5 – UDRIE: UART Data Register Empty Interrupt Enable
When this bit is set (one), a setting of the UDRE bit in UCSRA will cause the UART Data
Register Empty Interrupt routine to be executed, provided that global interrupts are
enabled.
• Bit 4 – RXEN: Receiver Enable
This bit enables the UART Receiver when set (one). When the Receiver is disabled, the
RXC, OR, and FE status flags cannot become set. If these flags are set, turning off
RXEN does not cause them to be cleared.
Bit
7654
321
0
$0A ($2A)
RXCIE
TXCIE
UDRIE
RXEN
TXEN
CHR9
RXB8
TXB8
UCSRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
W
Initial Value
0000
001
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn