Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 53 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 49Page - ATMEL Corporation AT90S4433 Datasheet HTML 50Page - ATMEL Corporation AT90S4433 Datasheet HTML 51Page - ATMEL Corporation AT90S4433 Datasheet HTML 52Page - ATMEL Corporation AT90S4433 Datasheet HTML 53Page - ATMEL Corporation AT90S4433 Datasheet HTML 54Page - ATMEL Corporation AT90S4433 Datasheet HTML 55Page - ATMEL Corporation AT90S4433 Datasheet HTML 56Page - ATMEL Corporation AT90S4433 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
53
AT90S/LS4433
1042H–AVR–04/03
UART
The AT90S4433 features a full duplex (separate Receive and Transmit Registers) Uni-
versal Asynchronous Receiver and Transmitter (UART). The main features are:
Baud Rate Generator Generates any Baud Rate
High Baud Rates at Low XTAL Frequencies
8 or 9 Bits Data
Noise Filtering
Overrun Detection
Framing Error Detection
False Start Bit Detection
Three Separate Interrupts on TX Complete, TX Data Register Empty, and RX Complete
Multi-processor Communication Mode
Data Transmission
A block schematic of the UART Transmitter is shown in Figure 40.
Figure 40. UART Transmitter
Data transmission is initiated by writing the data to be transmitted to the UART I/O Data
Register (UDR). Data is transferred from UDR to the Transmit Shift Register when:
A new character has been written to UDR after the stop bit from the previous
character has been shifted out. The Shift Register is loaded immediately.
A new character has been written to UDR before the stop bit from the previous
character has been shifted out. The Shift Register is loaded when the stop bit of the
character currently being transmitted has been shifted out.
When data is transferred from UDR to the Shift Register, the UDRE (UART Data Regis-
ter Empty) bit in the UART Control and Status Register A, UCSRA, is set. When this bit
is set (one), the UART is ready to receive the next character. At the same time as the
UART CONTROL
AND STAUS
REGISTER B (UCSRB)
UART CONTROL
AND STAUS
REGISTER A (UCSRA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn