Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 29 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 25Page - ATMEL Corporation AT90S4433 Datasheet HTML 26Page - ATMEL Corporation AT90S4433 Datasheet HTML 27Page - ATMEL Corporation AT90S4433 Datasheet HTML 28Page - ATMEL Corporation AT90S4433 Datasheet HTML 29Page - ATMEL Corporation AT90S4433 Datasheet HTML 30Page - ATMEL Corporation AT90S4433 Datasheet HTML 31Page - ATMEL Corporation AT90S4433 Datasheet HTML 32Page - ATMEL Corporation AT90S4433 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
29
AT90S/LS4433
1042H–AVR–04/03
Timer/Counter Interrupt Flag
Register – TIFR
• Bit 7 – TOV1: Timer/Counter1 Overflow Flag
The TOV1 is set (one) when an overflow occurs in Timer/Counter1. TOV1 is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV1 is cleared by writing a logical “1” to the flag. When the I-bit in SREG and TOIE1
(T im er/Co u n t er1 Ove r flow Inte rrup t En able) an d TO V1 a r e set (o ne) , th e
Timer/Counter1 Overflow Interrupt is executed. In PWM mode, this bit is set when
Timer/Counter1 advances from $0000.
• Bit 6 – OCF1: Output Compare Flag 1
The OCF1 bit is set (one) when a Compare Match occurs between the Timer/Counter1
and the data in Output Compare Register 1 (OCR1). OCF1 is cleared by hardware when
executing the corresponding interrupt handling vector. Alternatively, OCF1 is cleared by
writing a logical “1” to the flag. When the I-bit in SREG and OCIE1 (Timer/Counter1
Compare Match Interrupt A Enable) and the OCF1 are set (one), the Timer/Counter1
Compare Match Interrupt is executed.
• Bits 5, 4 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bit 3 – ICF1: Input Capture Flag 1
The ICF1 bit is set (one) to flag an Input Capture Event, indicating that the
Timer/Counter1 value has been transferred to the Input Capture Register (ICR1). ICF1
is cleared by hardware when executing the corresponding interrupt handling vector.
Alternatively, ICF1 is cleared by writing a logical “1” to the flag. When the SREG I-bit
and TICIE1 (Timer/Counter1 Input Capture Interrupt Enable) and ICF1 are set (one), the
Timer/Counter1 Capture Interrupt is executed.
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
• Bit 1 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared
by hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV0 is cleared by writing a logical “1” to the flag. When the SREG I-bit and TOIE0
(T im er/Co u n t er0 Ove r flow Inte rrup t En able) an d TO V0 a r e set (o ne) , th e
Timer/Counter0 Overflow Interrupt is executed.
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
Bit
7
6
5
4
3
2
1
0
$38 ($58)
TOV1
OCF1
ICF1
TOV0
TIFR
Read/Write
R/W
R/W
R
R
R/W
R
R/W
R
Initial Value
0
0
0
0
0
0
0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn