Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 11 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 7Page - ATMEL Corporation AT90S4433 Datasheet HTML 8Page - ATMEL Corporation AT90S4433 Datasheet HTML 9Page - ATMEL Corporation AT90S4433 Datasheet HTML 10Page - ATMEL Corporation AT90S4433 Datasheet HTML 11Page - ATMEL Corporation AT90S4433 Datasheet HTML 12Page - ATMEL Corporation AT90S4433 Datasheet HTML 13Page - ATMEL Corporation AT90S4433 Datasheet HTML 14Page - ATMEL Corporation AT90S4433 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
11
AT90S/LS4433
1042H–AVR–04/03
In the different addressing modes, these address registers have functions as fixed dis-
placement, automatic increment and decrement (see the descriptions for the different
instructions).
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the Register File are executed. The ALU operations are divided into three main
categories: arithmetic, logical, and bit functions.
In-System
Programmable Flash
Program Memory
The AT90S4433 contains 4K bytes of On-chip, In-System Programmable Flash memory
for program storage. Since all instructions are 16- or 32-bit words, the Flash is orga-
nized as 2K x 16. The Flash memory has an endurance of at least 1,000 write/erase
cycles. The AT90S4433 Program Counter (PC) is 11 bits wide, thus addressing the
2,048 program memory addresses. See page 93 for a detailed description of Flash data
downloading. See page 12 for the different program memory addressing modes.
Figure 9. SRAM Organization
SRAM Data Memory
Figure 9 shows how the AT90S4433 SRAM memory is organized.
The lower 224 data memory locations address the Register File, the I/O memory and
the internal data SRAM. The first 96 locations address the Register File and I/O mem-
ory, and the next 128 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Dis-
placement, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In
the Register File, registers R26 to R31 feature the indirect addressing pointer registers.
Register File
Data Address Space
R0
$0000
R1
$0001
R2
$0002
º
º
R29
$001D
R30
$001E
R31
$001F
I/O Registers
$00
$0020
$01
$0021
$02
$0022
……
$3D
$005D
$3E
$005E
$3F
$005F
Internal SRAM
$0060
$0061
º
$00DE
$00DF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn