Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT90S4433 Datasheet(PDF) 10 Page - ATMEL Corporation

Part No. AT90S4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 6Page - ATMEL Corporation AT90S4433 Datasheet HTML 7Page - ATMEL Corporation AT90S4433 Datasheet HTML 8Page - ATMEL Corporation AT90S4433 Datasheet HTML 9Page - ATMEL Corporation AT90S4433 Datasheet HTML 10Page - ATMEL Corporation AT90S4433 Datasheet HTML 11Page - ATMEL Corporation AT90S4433 Datasheet HTML 12Page - ATMEL Corporation AT90S4433 Datasheet HTML 13Page - ATMEL Corporation AT90S4433 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
10
AT90S/LS4433
1042H–AVR–04/03
General Purpose
Register File
Figure 7 shows the structure of the 32 general purpose working registers in the CPU.
Figure 7. AVR CPU General Purpose Working Registers
All the register operating instructions in the instruction set have direct and single cycle
access to all registers. The only exceptions are the five constant arithmetic and logic
instructions SBCI, SUBI, CPI, ANDI, and ORI between a constant and a register, and
the LDI instruction for load immediate constant data. These instructions apply to the
second half of the registers in the Register File (R16..R31). The general SBC, SUB, CP,
AND, and OR, and all other operations between two registers or on a single register
apply to the entire Register File.
As shown in Figure 7, each register is also assigned a data memory address, mapping
them directly into the first 32 locations of the user Data Space. Although not being phys-
ically implemented as SRAM locations, this memory organization provides great
flexibility in access of the registers, as the X-, Y- ,and Z-registers can be set to index any
register in the file.
X-register, Y-register and Z-
register
The registers R26..R31 have some added functions to their general purpose usage.
These registers are address pointers for indirect addressing of the Data Space. The
three indirect address registers X, Y, and Z are defined as:
Figure 8. X-, Y-, and Z-registers
7
0
Addr.
R0
$00
R1
$01
R2
$02
R13
$0D
General
R14
$0E
Purpose
R15
$0F
Working
R16
$10
Registers
R17
$11
R26
$1A
X-register Low Byte
R27
$1B
X-register High Byte
R28
$1C
Y-register Low Byte
R29
$1D
Y-register High Byte
R30
$1E
Z-register Low Byte
R31
$1F
Z-register High Byte
15
0
X - register
7
0
7
0
R27 ($1B)
R26 ($1A)
15
0
Y - register
7
0
7
0
R29 ($1D)
R28 ($1C)
15
0
Z - register
7
0
7
0
R31 ($1F)
R30 ($1E)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn