Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRG8687 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8687
Description  Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8687 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8687 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8687 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD8687 Rev C 4/9/14
Aeroflex Plainview
FIGURE 3 – RH1084 SHORT CIRCUIT CURRENT
The maximum Power dissipation is limited by the thermal shutdown function of each regulator chip in the
VG8687/8688. The graph above represents the achievable power before the chip shuts down. The first line in the
graph represents the maximum power dissipation of the VG8687/8688 with one regulator on (the other off) and the
other line represents both regulators on dissipating equal power. If both regulators are on and one regulator is
dissipating more power that the other, the maximum power dissipation of the VG8687/8688 will fall between the two
lines. This graph is based on the maximum junction temperature of 150°C and a thermal resistance (
JC) of 5°C/W.
60
50
40
30
20
10
0
2040
6080
100
120
140
Case Temperature (°C)
1 Regulator
0
Both Regulators
Maximum Power
Dissipation
(Watts)
FIGURE 2 – MAXIMUM POWER vs CASE TEMPERATURE
See Note 1/ on page 2


Similar Part No. - VRG8687

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684-201-1S AEROFLEX-VRG8684-201-1S Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684-201-2S AEROFLEX-VRG8684-201-2S Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684-7 AEROFLEX-VRG8684-7 Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684-901-1S AEROFLEX-VRG8684-901-1S Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
More results

Similar Description - VRG8687

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
   Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
   Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
   Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
   Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
   Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
   Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
   Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
   Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
   Adjustable Regulator Positive Voltage Radiation Tolerant
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com