Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2C26A Datasheet(PDF) 62 Page - Lattice Semiconductor

Part # OR2C26A
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR2C26A Datasheet(HTML) 62 Page - Lattice Semiconductor

Back Button OR2C26A Datasheet HTML 58Page - Lattice Semiconductor OR2C26A Datasheet HTML 59Page - Lattice Semiconductor OR2C26A Datasheet HTML 60Page - Lattice Semiconductor OR2C26A Datasheet HTML 61Page - Lattice Semiconductor OR2C26A Datasheet HTML 62Page - Lattice Semiconductor OR2C26A Datasheet HTML 63Page - Lattice Semiconductor OR2C26A Datasheet HTML 64Page - Lattice Semiconductor OR2C26A Datasheet HTML 65Page - Lattice Semiconductor OR2C26A Datasheet HTML 66Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
62
Lattice Semiconductor
Data Sheet
ORCA Series 2 FPGAs
January 2002
Estimating Power Dissipation (continued)
OR2C06A Clock Power
P= [0.63 mW/MHz
+ (0.25 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C06A clock power ≈ 5.3 mW/MHz.
OR2C08A Clock Power
P= [0.65 mW/MHz
+ (0.29 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C08A clock power ≈ 6.6 mW/MHz.
OR2C10A Clock Power
P= [0.66 mW/MHz
+ (0.32 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C10A clock power ≈ 8.6 mW/MHz.
OR2C12A Clock Power
P= [0.68 mW/MHz
+ (0.35 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C12A clock power ≈ 10.5 mW/MHz.
OR2C15A Clock Power
P= [0.69 mW/MHz
+ (0.38 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C15A clock power ≈ 12.7 mW/MHz.
OR2C26A Clock Power
P= [0.73 mW/MHz
+ (0.44 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C26A clock power ≈ 17.8 mW/MHz.
OR2C40A Clock Power
P= [0.77 mW/MHz
+ (0.53 mW/MHz – Branch) (# Branches)
+ (0.022 mW/MHz – PFU) (# PFUs)
+ (0.006 mW/MHz – SMEM_PFU)
(# SMEM_PFUs)] fCLK
For a quick estimate, the worst-case (typical circuit)
OR2C40A clock power ≈ 26.6 mW/MHz.
The power dissipated in a PIC is the sum of the power
dissipated in the four I/Os in the PIC. This consists of
power dissipated by inputs and ac power dissipated by
outputs. The power dissipated in each I/O depends on
whether it is configured as an input, output, or input/
output. If an I/O is operating as an output, then there is
a power dissipation component for PIN, as well as
POUT. This is because the output feeds back to the
input.
The power dissipated by a TTL input buffer is estimated
as:
PTTL = 2.2 mW + 0.17 mW/MHz
The power dissipated by an input buffer is estimated
as:
PCMOS = 0.17 mW/MHz
The ac power dissipation from an output or bidirec-
tional is estimated by the following:
POUT = (CL + 8.8 pF) x VDD2 x F Watts
where the unit for CL is farads, and the unit for F is Hz.
As an example of estimating power dissipation,
suppose that a fully utilized OR2C15A has an average
of three outputs for each of the 400 PFUs, that all
20 clock branches are used, that 150 of the 400 PFUs
have FFs clocked at 40 MHz (16 of which are operating
in a synchronous memory mode), and that the PFU
outputs have an average activity factor of 20%.
Twenty TTL-configured inputs, 20 CMOS-configured
inputs, 32 outputs driving 30 pF loads, and 16 bidirec-
tional I/Os driving 50 pF loads are also generated from
the 40 MHz clock with an average activity factor of
20%. The worst-case (VDD = 5.25 V) power dissipation
is estimated as follows:
PPFU = 400 x 3 (0.16 mW/MHz x 20 MHz x 20%)
= 768 mW


Similar Part No. - OR2C26A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C26A ETC-OR2C26A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C26A-2BA208 ETC-OR2C26A-2BA208 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C26A-2BA208I ETC-OR2C26A-2BA208I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C26A-2BA240 ETC-OR2C26A-2BA240 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C26A-2BA240I ETC-OR2C26A-2BA240I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2C26A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com