Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2C04A Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # OR2C04A
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR2C04A Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button OR2C04A Datasheet HTML 30Page - Lattice Semiconductor OR2C04A Datasheet HTML 31Page - Lattice Semiconductor OR2C04A Datasheet HTML 32Page - Lattice Semiconductor OR2C04A Datasheet HTML 33Page - Lattice Semiconductor OR2C04A Datasheet HTML 34Page - Lattice Semiconductor OR2C04A Datasheet HTML 35Page - Lattice Semiconductor OR2C04A Datasheet HTML 36Page - Lattice Semiconductor OR2C04A Datasheet HTML 37Page - Lattice Semiconductor OR2C04A Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
January 2002
34
Lattice Semiconductor
Interquad Routing (continued)
Subquad Routing (OR2C40A/OR2T40A Only)
In the ORCA OR2C40A/OR2T40A/OR2T40B, each
quadrant of the device is split into smaller arrays of
PLCs called subquads. Each of these subquads is
made of a 4 x 4 array of PLCs (for a total of 16 per sub-
quadrant), except at the outer edges of array, which
have less than 16 PLCs per subquad. New routing
resources, called subquad lines, have been added
between each adjacent pair of subquads to enhance
the routability of the device. A portion of the center of
the OR2C40A and OR2T40A array is shown in Figure
30, including the subquad blocks containing a 4 x 4
array of PLCs, the interquad routing lines, and the sub-
quad routing lines.
All of the inter-PLC routing resources discussed previ-
ously continue to be routed between a PLC and its
adjacent PLC, even if the two adjacent PLCs are in dif-
ferent subquad blocks. Since the PLC routing has not
been modified for the OR2C40A/OR2T40A architec-
tures, this means that all of the same routing connec-
tions are possible for these devices as for any other
ORCA 2C series device. In this way, both the
OR2C40A and OR2T40A/OR2T40B are upwardly com-
patible when compared with the ATT2Cxx series
devices. As the inter-PLC routing runs between sub-
quad blocks, it crosses the new subquad lines. When
this happens, CIPs are used to connect the subquad
lines to the X4 and/or the XH lines which lie along the
other axis of the PLC array.
5-4200(F).r5
Figure 30. Subquad Blocks and Subquad Routing
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SUBQUAD
(4 x 4 PLCs)
SEE DETAIL
IN FIGURES 25
AND 26
HORIZONTAL
INTERQUAD
ROUTING
(hIQ)
HORIZONTAL
SUBQUAD
ROUTING
(HSUB)
VERTICAL
SUBQUAD
ROUTING
(VSUB)
VERTICAL
INTERQUAD
ROUTING
(vIQ)


Similar Part No. - OR2C04A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C04A-2BA100 ETC-OR2C04A-2BA100 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C04A-2BA100I ETC-OR2C04A-2BA100I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C04A-2BA144 ETC-OR2C04A-2BA144 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2C04A-2BA144I ETC-OR2C04A-2BA144I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2C04A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com