Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16823
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16823_15 Datasheet HTML 2Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 3Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 4Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 5Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 6Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 7Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 8Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 9Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description of Hardware
The MAX16823 three-channel current regulator operates
from a 5.5V to 40V input voltage range and delivers up to
100mA per channel to one or more strings of HB LEDs.
The output currents are programmable using external
current-sense resistors in series with the LEDs. Three
DIM inputs allow a wide range of independent pulsed
dimming in addition to providing the on and off control of
the outputs. The MAX16823 offers an LED-GOOD output
that indicates an open-circuit condition when one or more
LED channels are open.
Integrated pass elements minimize external components
while providing ±5% output current accuracy. Additional
features include a 3.4V (±5%) voltage regulator with
4mA output current capability, short-circuit and thermal
protection.
The MAX16823 uses a feedback loop to linearly control
the current from each output. The voltage across each
sense resistor is compared to a fixed reference voltage
and the error is amplified to drive the internal power
pass device for a particular channel. See the Block
Diagram. The regulation point is factory-set at 203mV. The
regulated current is adjusted by the value of RCS_.
The MAX16823 is a constant-current LED driver internally
optimized for driving the impedance range expected from
one or more HB LEDs.
3.4V Regulator (REG)
The MAX16823 includes a fixed 3.4V voltage regulator
that delivers up to 4mA of load current for auxiliary appli-
cations throughout the 5.5V to 40V input voltage range.
Connect a 0.1μF compensation capacitor from REG to
ground. Shorting REG to ground disables the thermal
shutdown.
Thermal Protection
The MAX16823 enters a thermal-shutdown mode in the
event of overheating. This typically occurs in overload
or output short-circuit conditions. When the junction
temperature exceeds TJ = +155°C, the internal thermal
protection circuitry turns off the series pass elements. The
MAX16823 recovers from thermal-shutdown mode once
the junction temperature drops by 23°C. The part will
therefore protect itself by low-frequency thermal cycling in
the event of a short-circuit or overload condition.
Applications Information
Programming the LED Current
The MAX16823 uses sense resistors to set the output
current for each channel. To set the LED current for a
particular channel, connect a sense resistor across the
corresponding current-sense input (CS_) and GND. For
optimal accuracy, connect the low-side of the current-
sense resistors to the IC’s ground pin with short traces.
The value needed for the sense resistor for a given
current can be calculated with the equation below:
CS_
CS_
OUT_
V
(V)
R
()
I
(A)
Ω=
where VCS_ is 203mV and IOUT_ is the desired LED cur-
rent (ILED).
Input-Voltage Considerations
For proper operation, the minimum input voltage must
always be:
VIN(MIN) ≥ VCS_(MAX) + VFT(MAX) + VDO(MAX)
where VFT(MAX) is the total forward voltage of all series-
connected LEDs. The minimum operating voltage of the
device is 5.5V.
LEDGOOD
The MAX16823 features an active-low, open-drain
LEDGOOD output that goes low either when one or
more LED channels are open or when a signal at any
of the dimming inputs remains low for a period greater
than the programmed LEDGOOD delay time tDELAY.
Program tDELAY with a capacitor connected between LGC
and ground. The LEDGOOD output goes low after the
programmed delay period tDELAY has elapsed. Use the
following formula to set the delay period:
tCK = 112,000 x CLGC (F)
4 x tCK < tDELAY < 6 x tCK
where CLGC is the capacitor connected between LGC
and ground. The LEDGOOD output goes low during the
thermal shutdown. The minimum recommended value
of the capacitance that can be used on the LGC pin is
100pF.
MAX16823
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - MAX16823_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823ATE MAXIM-MAX16823ATE Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com