Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16823
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16823_15 Datasheet HTML 1Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 2Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 3Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 4Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 5Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 6Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 7Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 8Page - Maxim Integrated Products MAX16823_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX16823 three-channel LED driver operates from
a 5.5V to 40V input voltage range and delivers up to
100mA per channel to one or more strings of high-
brightness LEDs (HB LEDs). Each channel’s current is
programmable using an external current-sense resistor
in series with the LEDs. Three DIM inputs allow a wide
range of independent pulsed dimming in addition to
providing the on and off control of the outputs. Wave-
shaping circuitry reduces EMI while providing fast turn-on
and turn-off times.
The MAX16823 is well suited for automotive
applications requiring a high-voltage input and is able to
withstand load-dump events up to 45V. On-board pass
elements minimize external components while providing
±5% LED current accuracy. Additional features include an
active-high, open-drain LEDGOOD output for open LED
detection, a +3.4V (±5%) regulated output with 4mA
output current capability, short-circuit and thermal
protections.
The MAX16823 is available in thermally enhanced 5mm x
5mm, 16-pin TQFN-EP and 16–pin TSSOP-EP packages
and is specified over the -40°C to +125°C automotive
temperature range.
Applications
● Automotive Exterior: Rear Combination Lights
(RCLs), CHMSL
● Automotive Interior: RGB Ambient Lighting, Cluster
Lighting, and LCD Backlighting
● Emergency Vehicle Warning Lights
● Navigation and Marine Indicators
● Architectural and Industrial Lighting
Features
● 5.5V to 40V Operating Range
● Adjustable Constant Output Current
(5mA to 100mA and Up to 2A with External BJT)
● ±5% Output Current Accuracy
● Open LED Detection
● Three Independent High-Voltage DIM Inputs
● Three Integrated Pass Elements with Low Dropout
Voltage (0.7V max)
● Undervoltage Lockout
● Output Short-Circuit Protection
● 3.4V Voltage Regulator with 4mA Capability
● Accurate, Low 203mV Current Sense
● Overtemperature Shutdown
● -40°C to +125°C Operating Temperature Range
19-0733; Rev 4; 8/15
Ordering Information appears at end of data sheet.
MAX16823
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
Typical Operating Circuit
CS1
CS2
CS3
OUT3
CS1
CS2
CS3
GND
LEDGOOD
DIM2
DIM1
VIN
CIN
IN
IN
IN
RLEDGOOD
CLGC
REG
CREG
LGC
DIM3
REG
OUT2
OUT1
MAX16823
EVALUATION KIT AVAILABLE


Similar Part No. - MAX16823_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823ATE MAXIM-MAX16823ATE Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com