Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16819 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX16819
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16819 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX16819_15 Datasheet HTML 1Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 2Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 3Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 4Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 5Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 6Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 7Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 8Page - Maxim Integrated Products MAX16819_15 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX16819/MAX16820 are step-down, constant-
current, high-brightness LED (HB LED) drivers. These
devices operate from a 4.5V to 28V input voltage range
and provide up to 0.5A of source and 1A of sink drive
capability to the gate of an external MOSFET. A high-
side current-sense resistor sets the output current and a
dedicated PWM dimming input (DIM) allows for a wide
range of independent pulsed dimming.
The high-side current-sensing scheme and on-board
current-setting circuitry minimize the number of external
components while delivering LED current with a ±5%
accuracy, using a 1% sense resistor. See the Functional
Diagram.
PIN
NAME
FUNCTION
1
IN
Positive Supply Voltage Input. Bypass with a 1µF or higher value capacitor to GND.
2
CSN
Current-Sense Input
3
DIM
Logic-Level Dimming Input. Drive DIM low to turn off the current regulator. Drive DIM high to enable
the current regulator.
4
GND
Ground
5
DRV
Gate Drive Output. Connect to the gate of an external n-channel MOSFET.
6
VCC
Voltage Regulator Output. Connect a 1µF capacitor from VCC to GND.
EP
Exposed Paddle. Connect to a large-area ground plane for improved power dissipation. Do not use
as the only ground connection for the device.
MAX16819
MAX16820
REGULATOR
CS
COMPARATOR
UVLO
COMPARATOR
1.23V
BANDGAP
REF
GATE
DRIVER
DIM
BUFFER
VCC
DRV
GND
+
-
-
+
CSN
IN
DIM
MAX16819/MAX16820
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
www.maximintegrated.com
Maxim Integrated │ 6
Pin Description
Functional Diagram


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn