Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16819 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX16819
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX16819 Datasheet(HTML) 1 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX16819/MAX16820, step-down constant-
current high-brightness LED (HB LED) drivers provide a
cost-effective solution for architectural and ambient
lighting, LED bulbs such as MR16 and other LED illumina-
tion applications.
The MAX16819/MAX16820 operate from a 4.5V to 28V
input voltage range and feature a 5V/10mA on-board
regulator. A high-side current-sense resistor adjusts the
output current and a dedicated PWM input (DIM) enables
a wide range of pulsed dimming.
The MAX16819/MAX16820 are well suited for applica-
tions requiring a wide input voltage range. The high-side
current-sensing and an integrated current-setting circuitry
minimize the number of external components while deliv-
ering an LED current with ±5% accuracy. A hysteretic
control algorithm ensures excellent input-supply rejection
and fast response during load transients and PWM dim-
ming. The MAX16819 features a 30% inductor current
ripple and the MAX16820 features a 10% current ripple.
These devices operate up to 2MHz switching frequency,
thus allowing for small component size.
The MAX16819/MAX16820 operate over the -40°C to
+125°C automotive temperature range and are available
in 3mm x 3mm x 0.8mm, 6-pin TDFN packages.
Applications
● Architectural, Industrial, and Ambient Lighting
● MR16 and Other LED Bulbs
● Indicators and Emergency Lighting
Benefits and Features
● Simple High-Power LED Lighting Design with
Accurate LED Current Control
• Over 25W Output Power
• High-Side Current Sense
• Adjustable Constant LED Current
• ±5% LED Current Accuracy
• 4.5V to 28V Input Voltage Range
● Wide Dimming Range (5000:1)
• Dedicated Dimming-Control Input
• 20kHz Maximum Dimming Frequency
● Minimizes Number of Components to Save Space
and Cost
• Hysteretic Control: No Compensation
• Up to 2MHz Switching Frequency
• 5V, 10mA On-Board Regulator
19-0706; Rev 3; 2/15
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX16819ATT+T -40°C to +125°C 6 TDFN-EP*
+ATB
MAX16820ATT+T 40°C to +125°C
6 TDFN-EP*
+ATC
MAX16819
MAX16820
IN
CSN
DIM
VCC
CIN
DRV
GND
CVCC
VIN
L
RSENSE
1
+
2
3
6
5
4
MAX16819
MAX16820
TDFN
TOP VIEW
MAX16819/MAX16820
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
Typical Operating Circuit
Pin Configuration
Ordering Information
EVALUATION KIT AVAILABLE


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn