Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16819 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX16819
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX16819 Datasheet(HTML) 7 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Undervoltage Lockout (UVLO)
The MAX16819/MAX16820 include a 4.5V undervoltage
lockout (UVLO) with 500mV hysteresis. When VIN falls
below 4.5V, DRV goes low, turning off the external n-chan-
nel MOSFET. DRV goes high once VIN is 5V or higher.
5V Regulator
VCC is the output of a 5V regulator capable of sourcing
10mA. Bypass VCC to GND with a 1µF capacitor.
DIM Input
The MAX16819/MAX16820 allow dimming with a PWM
signal at the DIM input. A logic level below 0.6V at DIM
forces the MAX16819/MAX16820’s DRV output low, turn-
ing off the LED current. To turn the LED current on, the
logic level at DIM must be at least 2.8V.
Applications Information
Selecting RSENSE to Set the LED Current
The MAX16819/MAX16820 feature a programmable LED
current using a resistor connected between IN and CSN.
Use the following equation to calculate the sense resistor:
SNSHI
SNSLO
SENSE
LEAD
(V
V
)(V)
1
R
()
2
I
(A)
+
Ω=
For the values of VSNSHI and VSNSLO, see the Electrical
Characteristics.
Current Regulator Operation
The MAX16819/MAX16820 regulate the LED output
current using an input comparator with hysteresis (Figure
1). As the current through the inductor ramps up and
the voltage across the sense resistor reaches the upper
threshold, the voltage at DRV goes low, turning off the
external MOSFET. The MOSFET turns on again when
the inductor current ramps down through the freewheeling
diode until the voltage across the sense resistor equals
the lower threshold. Use the following equation to deter-
mine the operating frequency:
IN
LED
LED
SENSE
SW
IN
(V
n V
) nV
R
f
V
VL
− ×
××
×
=
×∆ ×
where n = number of LEDs, VLED = forward voltage drop
of one LED, and ∆V = (VSNSHI - VSNSLO).
For proper component selection, please use the
design tool available at:
www.maximintegrated.com/
MAX16819-20-Tool.
Figure 1. Current Regulator Operation
HYSTERETIC MODE
AVG. LED
CURRENT
1
fSW
TSW =
ILED
t
t
VDIM
∆I
MAX16819/MAX16820
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
www.maximintegrated.com
Maxim Integrated │ 7


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn