Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16818 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16818
Description  1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16818 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16818_15 Datasheet HTML 16Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 17Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 18Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 19Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 20Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 21Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 22Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 23Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
nous MOSFET keeps the power dissipation to a minimum,
especially when the input voltage is large when compared
to the voltage on the LED string. It is important to keep
the current-sense resistor, R1, inside the LC loop, so that
ripple current is available. To regulate the LED current, R2
creates a voltage that the differential amplifier compares
to 0.6V. If power dissipation is a problem in R2, add a
noninverting amplifier and reduce the value of the sense
resistor accordingly.
Inductor Selection
The switching frequencies, peak inductor current, and
allowable ripple at the output determine the value
and size of the inductor. Selecting higher switching
frequencies reduces the inductance requirement, but
at the cost of lower efficiency. The charge/discharge
cycle of the gate and drain capacitances in the
switching MOSFETs create switching losses. The
situation worsens at higher input voltages, since switching
losses are proportional to the square of the input voltage.
The MAX16818 can operate up to 1.5MHz, however for
VIN > +12V, use lower switching frequencies to limit the
switching losses.
The following discussion is for buck or continuous boost-
mode topologies. Discontinuous boost, buck-boost,
and SEPIC topologies are quite different in regards to
component selection.
Use the following equations to determine the minimum
inductance value:
Buck regulators:
INMAX
LED
LED
MIN
INMAX
SW
L
(V
V
) x V
L
V
x f
x I
=
Boost regulators:
LED
INMAX
INMAX
MIN
LED
SW
L
(V
V
) x V
L
V
x f
x I
=
where VLED is the total voltage across the LED string.
As a first approximation choose the ripple current, ∆IL,
equal to approximately 40% of the output current.
Higher ripple current allows for smaller inductors, but it
also increases the output capacitance for a given
voltage ripple requirement. Conversely, lower ripple
current increases the inductance value, but allows the
output capacitor to reduce in size. This trade-
off can be altered once standard inductance and
capacitance values are chosen. Choose inductors from the
standardsurface-mountinductorseriesavailablefromvarious
manufacturers.
For example, for a buck regulator and 2 LEDs in series,
calculate the minimum inductance at VIN(MAX) = 13.2V,
VLED = 7.8V, ∆IL = 400mA, and fSW = 330kHz:
Buck regulators:
MIN
(13.2 7.8) x 7.8
L
24.2 H
13.2 x 330k x 0.4
=
=
µ
For a boost regulator with four LEDs in series, calculate
the minimum inductance at VIN(MAX) = 13.2V, VLED =
15.6V, ∆IL =400mA, and fSW = 330kHz:
Boost regulators:
MIN
(15.6 13.2) x 13.2
L
15.3 H
15.6 x 330k x 0.4
=
=
µ
The average-current-mode control feature of the
MAX16818 limits the maximum peak inductor current
and prevents the inductor from saturating. Choose an
inductor with a saturating current greater than the
worst-case peak inductor current. Use the following
equation to determine the worst-case inductor current:
CL
L
ILPEAK
S
VI
R2
=
+
where RS is the inductor sense resistor and VCL =
0.0282V.
Switching MOSFETs
When choosing a MOSFET for voltage regulators,
consider the total gate charge, RDS(ON), power
dissipation, and package thermal impedance. The product
of the MOSFET gate charge and on-resistance is a figure
of merit, with a lower number signifying better performance.
Choose MOSFETs optimized for high-frequency switching
applications.
The average current from the MAX16818 gate-drive output
is proportional to the total capacitance it drives at DH and
DL. The power dissipated in the MAX16818 is proportional
to the input voltage and the average drive current. See the
IN, VCC, and VDD section to determine the maximum total
gate charge allowed from the combined driver outputs.
The gate-charge and drain-capacitance (CV2) loss, the
cross-conduction loss in the upper MOSFET due to finite
rise/fall times, and the I2R loss due to RMS current in
the MOSFET RDS(ON) account for the total losses in the
MOSFET.
www.maximintegrated.com
Maxim Integrated │ 20
MAX16818
1.5MHz, 30A High-Efficiency, LED Driver
with Rapid LED Current Pulsing


Similar Part No. - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818EVKIT MAXIM-MAX16818EVKIT Datasheet
141Kb / 6P
   MAX16818 Evaluation Kit
Rev 0; 6/07
More results

Similar Description - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com