Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16818 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16818
Description  1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16818 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16818_15 Datasheet HTML 8Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 9Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 10Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 11Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 12Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 13Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 14Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 15Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Figure 4. Application Circuit for a Ground-Referred Buck-Boost LED Driver
1
2
3
4
5
6
8
7
21
20
19
18
17
16
15
9
10
11
12
13
14
22
23
24
25
26
27
28
Q2
Q3
Q1
L1
VLED
D1
C1
LED
STRING
R8
VIN
C2
C4
VIN
7V TO 18V
C11
C10
C9
C8
R12
R7
D2
R4
R5
R6
VCC
ON/OFF
R11
R10
PGND
N.C.
N.C.
DL
BST
LX
DH
SGND SENSE- SENSE+ SGND
IN
VCC
VDD
OVI
CLP
EAOUT
EAN
DIFF
CSN
CSP
VCC
MAX16818
VLED
C3
C7
C6
C5
R1
R2
R3
LIM
V_IOUT RT/SYNC
EN
PGOOD CLKOUT SGND
www.maximintegrated.com
Maxim Integrated │ 12
MAX16818
1.5MHz, 30A High-Efficiency, LED Driver
with Rapid LED Current Pulsing
Typical Application Circuits (continued)


Similar Part No. - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818EVKIT MAXIM-MAX16818EVKIT Datasheet
141Kb / 6P
   MAX16818 Evaluation Kit
Rev 0; 6/07
More results

Similar Description - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com