Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16818 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16818
Description  1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16818 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16818_15 Datasheet HTML 3Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 4Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 5Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 6Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 7Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 8Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 9Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 10Page - Maxim Integrated Products MAX16818_15 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PIN
NAME
FUNCTION
1
PGND
Power-Supply Ground
2, 7
N.C.
No Connection. Not internally connected.
3
DL
Low-Side Gate-Driver Output
4
BST
Boost Flying Capacitor Connection. Reservoir capacitor connection for the high-side MOSFET driver
supply. Connect a ceramic capacitor between BST and LX.
5
LX
Source Connection for the High-Side MOSFET
6
DH
High-Side Gate-Driver Output. Drives the gate of the high-side MOSFET.
8, 22, 25
SGND
Signal Ground. Ground connection for the internal control circuitry. Connect SGND and PGND
together at one point near the IC.
9
CLKOUT
Oscillator Output. Rising edge of CLKOUT is phase-shifted from the rising edge of DH by 180°.
10
PGOOD
Power-Good Output
11
EN
Output Enable. Drive high or leave unconnected for normal operation. Drive low to shut down the
power drivers. EN has an internal 15µA pullup current. Connect a capacitor from EN to SGND to
program the hiccup-mode duty cycle.
12
RT/SYNC
Switching-Frequency Programming and Chip-Enable Input. Connect a resistor from RT/SYNC to
SGND to set the internal oscillator frequency. Drive RT/SYNC to synchronize the switching frequency
with external clock.
13
V_IOUT
Voltage Source Output Proportional to the Inductor Current. The voltage at V_IOUT = 135 x ILED x RS.
14
LIM
Current-Limit Setting Input. Connect a resistor from LIM to SGND to set the hiccup current-limit
threshold. Connect a capacitor from LIM to SGND to ignore short output overcurrent pulses.
15
OVI
Overvoltage Protection. Connect OVI to DIFF. When OVI exceeds 12.7% above the programmed
output voltage, DH is latched low and DL is latched high. Toggle EN or recycle the input power to reset
the latch.
16
CLP
Current-Error Amplifier Output. Compensate the current loop by connecting an RC network to ground.
17
EAOUT
Voltage-Error Amplifier Output. Connect to the external compensation network.
18
EAN
Voltage-Error Amplifier Inverting Input
19
DIFF
Differential Remote-Sense Amplifier Output. DIFF is the output of a precision unity-gain amplifier
whose inputs are SENSE+ and SENSE-.
20
CSN
Current-Sense Differential Amplifier Negative Input. The differential voltage between CSN and CSP is
amplified internally by the current-sense amplifier (gain = 34.5) to measure the inductor current.
www.maximintegrated.com
Maxim Integrated │ 7
MAX16818
1.5MHz, 30A High-Efficiency, LED Driver
with Rapid LED Current Pulsing
Pin Description


Similar Part No. - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818EVKIT MAXIM-MAX16818EVKIT Datasheet
141Kb / 6P
   MAX16818 Evaluation Kit
Rev 0; 6/07
More results

Similar Description - MAX16818_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com