Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX14850 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14850_14 Datasheet HTML 1Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 2Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 3Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 4Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Data Rate
(Note 3)
DRMAX
INA1 to OUTB1, INA2 to OUTB2, INB1 to
OUTA1, INB2 to OUTA2
50
Mbps
I/OA1 to I/OB1, I/OA2 to I/OB2, I/OB1 to I/OA1,
I/OB2 to I/OA2
2
Minimum Pulse Width
PWMIN
INA1 to OUTB1, INA2 to OUTB2, INB1 to
OUTA1, INB2 to OUTA2 (Note 3)
20
ns
Propagation Delay
(Note 3)
tDPLH
tDPHL
INA1 to OUTB1, INA2 to
OUTB2, INB1 to OUTA1,
INB2 to OUTA2, RL =
1MI, CL = 15pF, Figure 1
VCCA = VCCB =
+3.3V
20
30
ns
VCCA = VCCB = +5V
18
26
I/OA1 to I/OB1, I/OA2 to
I/OB2, R1 = 1.6kI, R2 =
180I, CL1 = CL2 = 15pF,
Figure 2
VCCA = VCCB =
+3.3V
30
100
VCCA = VCCB = +5V
30
100
I/OB1 to I/OA1, I/OB2 to
I/OA2, R1 = 1kI, R2 =
120I, CL1 = CL2 = 15pF,
Figure 2
VCCA = VCCB =
+3.3V
60
100
VCCA = VCCB = +5V
60
100
Pulse-Width Distortion
|
tDPLH – tDPHL|
(Notes 3, 8)
PWD
INA1 TO OUTB1, INA2
TO OUTB2, INB1 TO
OUTA1, INB2 TO OUTA2,
RL = 1MI,
CL = 15pF, Figure 1
VCCA = VCCB =
+3.3V
7
ns
VCCA = VCCB = +5V
7
I/OA1 to I/OB1, I/OA2 to
I/OB2, R1 = 1.6kI, R2 =
180I, CL1 = CL2 = 15pF,
Figure 2
VCCA = VCCB =
+3.3V
12
VCCA = VCCB = +5V
12
I/OB1 to I/OA1, I/OB2 to
I/OA2, R1 = 1kI, R2 =
120I, CL1 = CL2 = 15pF,
Figure 2
VCCA = VCCB =
+3.3V
60
VCCA = VCCB = +5V
50


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
Silicon Laboratories
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
Analog Devices
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
Silicon Laboratories
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com