Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX14850 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14850_14 Datasheet HTML 1Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 2Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 3Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 4Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
ISOLATION CHARACTERISTICS
Isolation Voltage
VISO
t = 60s (Note 5)
600
VRMS
Working Isolation Voltage
VIOWM
VGNDB - VGNDA continuous (Note 3), 50-year life
expectancy (Figure 4)
200
VRMS
ESD Protection
All pins
±2.5
kV
LOGIC INPUTS AND OUTPUTS
Input Threshold Voltage
VIT
I/OA1, I/OA2, relative to GNDA
0.5
0.7
V
Input Logic-High Voltage
VIH
INA1, INA2, relative to GNDA
0.7 x VCCA
V
INB1, INB2, relative to GNDB
0.7 x VCCB
I/OA1, I/OA2, relative to GNDA
0.7
I/OB1, I/OB2, relative to GNDB
0.7 x VCCB
Input Logic-Low Voltage
VIL
INA1, INA2, relative to GNDA
0.8
V
INB1, INB2, relative to GNDB
0.8
I/OA1, I/OA2, relative to GNDA
0.5
I/OB1, I/OB2, relative to GNDB
0.3 x VCCB
Output Logic-High
Voltage
VOH
OUTA1, OUTA2, relative to GNDA,
source current = 4mA
VCCA - 0.4
V
OUTB1, OUTB2, relative to GNDB,
source current = 4mA
VCCB - 0.4
Output Logic-Low
Voltage
VOL
OUTA1, OUTA2, relative to GNDA,
sink current = 4mA
0.8
V
OUTB1, OUTB2, relative to GNDB,
sink current = 4mA
0.8
I/OA1, I/OA2, relative to GNDA,
sink current = 10mA
0.6
0.9
I/OA1, I/OA2, relative to GNDA,
sink current = 0.5mA
0.6
0.85
I/OB1, I/OB2, relative to GNDB,
sink current = 30mA
0.4
Input/Output Logic-Low
Threshold Difference
D
VTOL
I/OA1, I/OA2 (Note 6)
50
mV
Input Capacitance
CIN
INA1, INA2, INB1, INB2, f = 1MHz
2
pF
DYNAMIC SWITCHING CHARACTERISTICS
Common-Mode Transient
Immunity
dVISO/dt
VIN = VCC_ or VGND_ (Notes 3, 7)
1.5
kV/Fs


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
Silicon Laboratories
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
Analog Devices
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
Silicon Laboratories
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com