Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX14850 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14850_14 Datasheet HTML 1Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 2Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 3Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 4Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
2
Maxim Integrated
VCCA to GNDA ........................................................-0.3V to +6V
VCCB to GNDB ........................................................-0.3V to +6V
OUTA1, OUTA2 to GNDA ..................... -0.3V to (VCCA + 0.3V)
OUTB1, OUTB2 to GNDB ..................... -0.3V to (VCCB + 0.3V)
INB1, INB2, I/OA1, I/OA2 to GNDA ........................-0.3V to +6V
INA1, INA2, I/OB1, I/OB2 to GNDB ........................-0.3V to +6V
Short-Circuit Duration (OUTA_ to GNDA or
VCCA, OUTB_ to GNDB or VCCB) .........................Continuous
Continuous Current (I/OA_, I/OB_) Pin............................ Q50mA
Continuous Power Dissipation (TA = +70NC)
SOIC (derate 13.3mW/NC above +70NC)..............1067mW
QSOP (derate 9.6mW/NC above +70NC)..............771.5mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
Absolute Maximum Ratings
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SOIC
Junction-to-Ambient Thermal Resistance (BJA) ..........75NC/W
Junction-to-Case Thermal Resistance (BJC) ...............24NC/W
QSOP
Junction-to-Ambient Thermal Resistance (BJA) .....103.7NC/W
Junction-to-Case Thermal Resistance (BJC) ...............37NC/W
Package Thermal Characteristics
(Note 1)
Electrical Characteristics
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
VCCA
Relative to GNDA
3.0
5.5
V
VCCB
Relative to GNDB
3.0
5.5
Supply Current
ICCA,
ICCB
Unidirectional inputs
at DC or 2Mbps;
bidirectional inputs at DC
or switching at 2Mbps,
no load
VCCA = +5V,
VCCB = +5V
7.2
11
mA
VCCA = +3.3V,
VCCB = +3.3V
6.2
9.5
All inputs switching at
max data rate. No load.
(Note 3)
VCCA
= +5V,
VCCB =
+5V
TA =
+25°C
15
22
TA =
+125°C
17
24
VCCA =
+3.3V,
VCCB =
+3.3V
TA =
+25°C
10
16
TA =
+125°C
11
18
Undervoltage-Lockout
Threshold
VUVLO
VCCA - VGNDA, VCCB - VGNDB (Note 4)
2
V
Undervoltage-Lockout
Hysteresis
VUVLOHYS
VCCA - VGNDA, VCCB - VGNDB (Note 4)
0.1
V


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
Silicon Laboratories
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
Analog Devices
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
Silicon Laboratories
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com