Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14840E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14840E
Description  40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14840E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14840E_15 Datasheet HTML 1Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 2Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 3Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 4Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 5Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 6Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 7Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 8Page - Maxim Integrated Products MAX14840E_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DC Electrical Characteristics (continued)
(VCC = +3.0V to +3.6V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25NC.) (Notes 3, 4)
Switching Characteristics
(VCC = +3.0V to +3.6V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Differential Threshold
Voltage (MAX14840E Only)
VTHF
-7V P VCM P 12V, VOD falling
-200
-10
mV
VTHR
-7V P VCM P 12V, VOD rising
10
200
mV
Receiver Input Hysteresis
(MAX14840E Only)
VCM = 0V
20
170
mV
Receiver Differential Threshold
Voltage (MAX14841E Only)
VTH
-7V P VCM P 12V
-200
-105
-10
mV
Receiver Input Hysteresis
(MAX14841E Only)
D
VTH
VCM = 0V
10
mV
LOGIC INTERFACE
Input High Voltage
VIH
DE, DI
2.0
5.5
V
RE
2.0
Input Low Voltage
VIL
DE, DI, RE
0.8
V
Input Hysteresis
VHYS
DE, DI, RE
50
mV
Input Current
IIN
DE, DI, RE
-1
+1
F
A
Input Impedance on First
Transition
DE, RE
1
10
kI
Output High Voltage
VOH
RE = GND, IO = -1mA, VA - VB > 200mV
VCC -
1.5
V
Output Low Voltage
VOL
RE = GND, IO = 1mA, VA - VB < -200mV
0.4
V
Three-State Output Current at
Receiver
IOZR
RE = VCC, 0V P VO P VCC
-1
+1
F
A
Receiver Output Short-Circuit
Current
IOSR
0V P VRO P VCC
-95
+95
mA
PROTECTION
Thermal-Shutdown Threshold
TTS
160
N
C
Thermal-Shutdown Hysteresis
TTSH
15
N
C
ESD Protection: A, B to GND
IEC 61000-4-2 Air Gap Discharge
Q
20
kV
IEC 61000-4-2 Contact Discharge
Q
12
HBM
Q
35
ESD Protection: All Other Pins
HBM
Q
2
kV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Propagation Delay
tDPLH
RL = 54I, CL = 50pF, Figures 2 and 3
(Note 6)
5
12
20
ns
tDPHL
5
12
20
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
RL = 54I, CL = 50pF, Figures 2 and 3
(Notes 6, 9)
2
ns
www.maximintegrated.com
Maxim Integrated │ 3
MAX14840E/MAX14841E
40Mbps, +3.3V, RS-485 Half-Duplex Transceivers


Similar Part No. - MAX14840E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840EASA++ MAXIM-MAX14840EASA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EATA++ MAXIM-MAX14840EATA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
More results

Similar Description - MAX14840E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com