Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6955 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX6955
Description  2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6955 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX6955_15 Datasheet HTML 29Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 30Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 31Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 32Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 33Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 34Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 35Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 36Page - Maxim Integrated Products MAX6955_15 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
MAX6955
2-Wire Interfaced, 2.7V to 5.5V
LED Display Driver with I/O
Expander and Key Scan
Maxim Integrated | 33
www.maximintegrated.com
*
7-segment digits can be replaced by directly controlled discrete LEDs according to settings in decode mode register (Table 11).
**
The highlighted row is used in Typical Operating Circuit 1 for display digits 2 and 3.
CONFIGURATION
CHOICE
Common-Cathode
Drive: Digit Type
00
a1
a1
1a
a1
a1
1a
a
a
a1
1a
a
01
a2
a2
a2
a2
a2
02
CC2
CC2
CC2
CC2
CC2
CC2
CC2
03
CC3
CC3
CC3
CC3
CC3
CC3
CC3
04
b
b
1b
b
b
1b
b
b
b
1b
b
05
c
c
1c
c
c
1c
c
c
c
1c
c
06
d1
d1
1d
d1
d1
1d
d
d
d1
1d
d
07
d2
d2
1dp
d2
d2
1dp
d2
1dp
08
e
e
1e
e
e
1e
e
e
e
1e
e
09
f
f
1f
f
f
1f
f
f
f
1f
f
010
g1
g1
1g
g1
g1
1g
g1
g1
g1
1g
g1
011
g2
g2
2a
g2
g2
2a
g2
g2
g2
2a
g2
012
h
h
2b
h
h
2b
h
h
h
2b
h
013
i
i
2c
i
i
2c
i
i
i
2c
i
014
j
j
2d
j
j
2d
j
j
j
2d
k
015
k
k
2e
k
k
2e
k
k
k
2e
l
016
l
l
2f
l
l
2f
l
l
l
2f
l
017
m
m
2g
m
m
2g
m
m
m
2g
m
018
dp
dp
2dp
dp
dp
2dp
dp
dp
dp
2dp
dp
ADDRESS
CODE (HEX)
0x0C
D7
D6
See Table 41.
D5
D4
See Table 40.
D3
01
0
1
D2
0
0
1
1
D1
D0
See Table 38.
Table 39. Slot 2 Configuration


Similar Part No. - MAX6955_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955AAX MAXIM-MAX6955AAX Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955APL MAXIM-MAX6955APL Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
More results

Similar Description - MAX6955_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com