Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG542AP Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # DG542AP
Description  Wideband/Video T Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG542AP Datasheet(HTML) 2 Page - TEMIC Semiconductors

  DG542AP Datasheet HTML 1Page - TEMIC Semiconductors DG542AP Datasheet HTML 2Page - TEMIC Semiconductors DG542AP Datasheet HTML 3Page - TEMIC Semiconductors DG542AP Datasheet HTML 4Page - TEMIC Semiconductors DG542AP Datasheet HTML 5Page - TEMIC Semiconductors DG542AP Datasheet HTML 6Page - TEMIC Semiconductors DG542AP Datasheet HTML 7Page - TEMIC Semiconductors DG542AP Datasheet HTML 8Page - TEMIC Semiconductors DG542AP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DG540/541/542
2
Siliconix
S-53694—Rev. E, 28-May-97
Functional Block Diagrams and Pin Configurations (Cont’d)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V–
V+
GND
GND
S4
S3
D4
D3
IN4
IN3
DG541
DualInLine and SOIC
DG542
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
GND
GND
S1
S2
V–
V+
S4
S3
GND
GND
D4
D3
Dual-In-Line and SOIC
Truth Table - DG541
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 2 V
Truth Table - DG542
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 2 V
Ordering Information
Temp Range
Package
Part Number
DG540
–40to 85
_C
20-Pin Plastic DIP
DG540DJ
–40 to 85
_C
20-Pin PLCC
DG540DN
–55 to 125
_C
20-Pin Sidebraze
DG540AP
–55 to 125
_C
20-Pin Sidebraze
DG540AP/883
DG541
–40 to 85
_C
16-Pin Plastic DIP
DG541DJ
–40 to 85
_C
16-Pin Narrow SOIC
DG541DY
–55 to 125
_C
16-Pin Sidebraze
DG541AP
–55 to 125
_C
16-Pin Sidebraze
DG541AP/883
DG542
–40 to 85
_C
16-Pin Plastic DIP
DG542DJ
–40 to 85
_C
16-Pin Narrow SOIC
DG542DY
–55 to 125
_C
16-Pin Sidebraze
DG542AP
–55 to 125
_C
16-Pin Sidebraze
DG542AP/883


Similar Part No. - DG542AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG542AP VISHAY-DG542AP Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
DG542AP VISHAY-DG542AP Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG542AP-883 VISHAY-DG542AP-883 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG542AP/883 VISHAY-DG542AP/883 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results

Similar Description - DG542AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
   Wideband/Video ?쏷??Switches
08-Feb-17
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com