Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAS4-S060P3PS1W00 Datasheet(PDF) 8 Page - SICK AG

Part # SAS4-S060P3PS1W00
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SAS4-S060P3PS1W00 Datasheet(HTML) 8 Page - SICK AG

  SAS4-S060P3PS1W00 Datasheet HTML 1Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 2Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 3Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 4Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 5Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 6Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 7Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 8Page - SICK AG SAS4-S060P3PS1W00 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SAS4-S060P3PS1W00 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
8
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
1. Light grid in RUN mode,
green LED “ON”
illuminates, yellow LED
“Q” illuminates.
3. Light grid in RUN mode,
green LED “ON”
illuminates, yellow LED
“Q” illuminates.
2. Alignment aid is
automatically activated
for 10 s.
The switching threshold is set.
Func
Q
ON
3
2
1
1 s ... 5 s
Q
ON
3
2
1
1 = Optimum light reception.
2 = Light reception not optimized,
➜ align sensors.
3 = No light received,
➜ check light path.
The light grid switches after
10 s automatically back into
the RUN mode.
Press the teach button for
1 s to 5 s. During the teach
process the green LEDs
illuminates sequentially. The
red LED “Func” illuminates.
Q
Func
ON
3
2
1
1
Q
ON
3
2
1
2
Q
ON
3
2
1
3
Func
Func
Funktionsprinzip
Slim & Flat
1
2
①  Slim model = light emission on narrow side
②  Flat model = light emission on broad side
Recommended accessories
Other models and accessories
www.sick.de/SLG
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for light grids up to a monitoring height of 600 mm, mounting on the
face sides, 2x BEF-SLG1, 2x BEF-SLG2
BEF-SLG-SET1
2055427
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-G02M
6009870


Similar Part No. - SAS4-S060P3PS1W00

ManufacturerPart #DatasheetDescription
logo
SICK AG
SAS4-S060P3PS1T00 SICK-SAS4-S060P3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - SAS4-S060P3PS1W00

ManufacturerPart #DatasheetDescription
logo
SICK AG
SPL-F280PPS2W04 SICK-SPL-F280PPS2W04 Datasheet
454Kb / 8P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG4-20012021 SICK-FLG4-20012021 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com