Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 22 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 22 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
Ordering Information (continued)
PART†
TEMP RANGE
PIN-PACKAGE
MAX3072EEPA
-40°C to +85°C
8 Plastic DIP
MAX3072EESA
-40°C to +85°C
8 SO
MAX3072EAPA
-40°C to +125°C
8 Plastic DIP
MAX3072EASA
-40°C to +125°C
8 SO
MAX3073EEPD
-40°C to +85°C
14 Plastic DIP
MAX3073EESD
-40°C to +85°C
14 SO
MAX3073EAPD
-40°C to +125°C
14 Plastic DIP
MAX3073EASD
-40°C to +125°C
14 SO
MAX3074EEPA
-40°C to +85°C
8 Plastic DIP
MAX3074EESA
-40°C to +85°C
8 SO
MAX3074EAPA
-40°C to +125°C
8 Plastic DIP
MAX3074EASA
-40°C to +125°C
8 SO
MAX3075EEPA
-40°C to +85°C
8 Plastic DIP
MAX3075EESA
-40°C to +85°C
8 SO
MAX3075EAPA
-40°C to +125°C
8 Plastic DIP
MAX3075EASA
-40°C to +125°C
8 SO
PART†
TEMP RANGE
PIN-PACKAGE
MAX3076EEPD
-40°C to +85°C
14 Plastic DIP
MAX3076EESD
-40°C to +85°C
14 SO
MAX3076EAPD
-40°C to +125°C
14 Plastic DIP
MAX3076EASD
-40°C to +125°C
14 SO
MAX3077EEPA
-40°C to +85°C
8 Plastic DIP
MAX3077EESA
-40°C to +85°C
8 SO
MAX3077EAPA
-40°C to +125°C
8 Plastic DIP
MAX3077EASA
-40°C to +125°C
8 SO
MAX3077EMSA/PR
-55°C to +125°C
8 SO
MAX3078EEPA
-40°C to +85°C
8 Plastic DIP
MAX3078EESA
-40°C to +85°C
8 SO
MAX3078EAPA
-40°C to +125°C
8 Plastic DIP
MAX3078EASA
-40°C to +125°C
8 SO
MAX3079EEPD
-40°C to +85°C
14 Plastic DIP
MAX3079EESD
-40°C to +85°C
14 SO
MAX3079EAPD
-40°C to +125°C
14 Plastic DIP
MAX3079EASD
-40°C to +125°C
14 SO
†Devices are available in both leaded (Pb) and lead(Pb)-free
packaging. Specify lead-free by adding a “+” after the part
number.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 Plastic DIP
P8-2
21-0043
14 Plastic DIP
P14-3
8 SO
S8-4
21-0041
14 SO
S14-1
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
MAX3070E–MAX3079E
22
Maxim Integrated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn