Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 20 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 20 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
MAX3070E
MAX3073E
MAX3076E
Rt
Rt
DE
VCC
RE
GND
VCC RE
GND
DE
RO
DI
9
10
12
11
B
A
Z
Y
0.1
μF
5
RO
N.C.
DI
2
1, 8, 13
3
6, 7
14
4
VCC
N.C.
N.C.
A
B
Z
Y
N.C.
RO
RE
DE
DI
GND
GND
D
D
R
D
R
TYPICAL FULL-DUPLEX OPERATING CIRCUIT
14
13
12
11
10
9
8
1
2
3
4
5
6
7
DIP/SO
R
Pin Configurations and Typical Operating Circuits
MAX3071E
MAX3074E
MAX3077E
Rt
Rt
VCC
GND
VCC
GND
RO
DI
5
6
8
7
B
A
Z
Y
0.1
μF
3
RO
DI
2
4
1
R
D
D
R
D
R
TYPICAL FULL-DUPLEX OPERATING CIRCUIT
VCC
RO
DI
GND
A
B
Z
Y
8
7
6
5
1
2
3
4
DIP/SO
MAX3072E
MAX3075E
MAX3078E
Rt
Rt
DE
RE
B
A
B
A
0.1
μF
TYPICAL HALF-DUPLEX OPERATING CIRCUIT
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORMS DIAGRAMS.
REFER TO PINS A AND B WHEN DE IS HIGH.
R
D
RO
DI
VCC
B
A
GND
8
7
6
5
1
2
3
4
DIP/SO
RE
DE
R
D
RO
DI
VCC
GND
8
7
6
5
1
2
3
4
RE
DE
D
R
DI
RO
MAX3070E–MAX3079E
20
Maxim Integrated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn