Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 19 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 19 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
RO
DI
DE
R
120
Ω
120
Ω
D
MAX3070E
MAX3073E
MAX3076E
MAX3079E (FULL-DUPLEX)
RE
RO
DI
DE
R
D
RE
120
Ω
120
Ω
A
B
Z
Y
A
B
Z
Y
RO
DI
DE
R
D
RE
YZ
B
A
RO
DI
DE
R
D
RE
YZ
B
A
Figure 13. Typical Full-Duplex RS-485 Network
Selector Guide
PART
HALF/FULL-
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED
LOW-POWER
SHUTDOWN
RECEIVER/
DRIVER
ENABLE
TRANSCEIVERS
ON BUS
PINS
MAX3070E
Full
0.250
Yes
Yes
Yes
256
14
MAX3071E
Full
0.250
Yes
No
No
256
8
MAX3072E
Half
0.250
Yes
Yes
Yes
256
8
MAX3073E
Full
0.5
Yes
Yes
Yes
256
14
MAX3074E
Full
0.5
Yes
No
No
256
8
MAX3075E
Half
0.5
Yes
Yes
Yes
256
8
MAX3076E
Full
16
No
Yes
Yes
256
14
MAX3077E
Full
16
No
No
No
256
8
MAX3078E
Half
16
No
Yes
Yes
256
8
MAX3079E
Selectable
Selectable
Selectable
Yes
Yes
256
14
MAX3070E–MAX3079E
Maxim Integrated
19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn