Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
MAX3072E/MAX3075E/MAX3078E
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X
110
1
X
101
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
Function Tables (continued)
MAX3079E
TRANSMITTING
INPUTS
OUTPUTS
TXP
RE
DE
DI
Z
Y
0
X
11
01
0
X
10
10
1
X
11
10
1
X
10
01
X
0
0
X
High-Z
High-Z
X
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUTS
H/F
RXP
RE
DE
A, B
Y, Z
RO
0
0
0
X
> -50mV
X
1
0
0
0
X
< -200mV
X
0
0
1
0
X
> -50mV
X
0
0
1
0
X
< -200mV
X
1
1000
X
> -50mV
1
1000
X
< -200mV
0
1100
X
> -50mV
0
1100
X
< -200mV
1
0
0
0
X
Open/shorted
X
1
1000
X
Open/shorted
1
0
1
0
X
Open/shorted
X
0
1100
X
Open/shorted
0
X
X
1
1
X
X
High-Z
X
X
1
0
X
X
Shutdown
RECEIVING
INPUTS
OUTPUTS
RE
DE
A-B
RO
0X
≥ -50mV
1
0X
≤ -200mV
0
0X
Open/
shorted
1
1
1
X
High-Z
1
0
X
Shutdown
X = Don’t care; shutdown mode, driver and receiver outputs are high impedance.
MAX3070E–MAX3079E
14
Maxim Integrated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn