Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3070E Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3070E Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3070E_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 10Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 11Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 12Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 13Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 14Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 15Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 16Page - Maxim Integrated Products MAX3070E_14 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
MAX3070E/MAX3073E/MAX3076E
Pin Description (continued)
PIN
MAX3070E
MAX3073E
MAX3076E
MAX3071E
MAX3074E
MAX3077E
MAX3072E
MAX3075E
MAX3078E
MAX3079E
FULL-DUPLEX
DEVICES
HALF-
DUPLEX
DEVICES
FULL-
DUPLE
X MODE
HALF-
DUPLE
X MODE
NAME
FUNCTION
12
8
12
A
Noninverting Receiver Input
12
A
Receiver Input Resistors*
6
A
Noninverting Receiver Input and Noninverting Driver
Output
13
13
RXP
Receiver Phase. Connect RXP to GND or leave
unconnected for normal transmitter phase/polarity.
Connect to VCC to invert receiver phase/polarity.
14
1
8
14
14
VCC
Positive Supply VCC = 3.3V ±10%. Bypass VCC to GND
with a 0.1μF capacitor.
1, 8, 13
N.C.
No Connect. Not internally connected. Can be
connected to GND.
*
MAX3079E only. In half-duplex mode, the driver outputs serve as receiver inputs. The full-duplex receiver inputs (A and B) still have a
1/8-unit load, but are not connected to the receiver.
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A, B
RO
0X
≥ -50mV
1
0X
≤ -200mV
0
0X
Open/
shorted
1
1
1
X
High-Z
1
0
X
Shutdown
MAX3071E/MAX3074E/MAX3077E
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
101
010
RECEIVING
INPUTS
OUTPUT
A, B
RO
≥ -50mV
1
≤ -200mV
0
Open/shorted
1
Function Tables
MAX3070E–MAX3079E
Maxim Integrated
13


Similar Part No. - MAX3070E_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070E-MAX3079E MAXIM-MAX3070E-MAX3079E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070EASD MAXIM-MAX3070EASD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070EASD MAXIM-MAX3070EASD Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results

Similar Description - MAX3070E_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com