Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 11 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
Test Circuits and Waveforms (continued)
VID
R
B
A
RECEIVER
OUTPUT
ATE
Figure 6. Receiver Propagation Delay Test Circuit
A
B
RO
VOH
1.5V
tRPLH
tRPHL
VOL
+1V
-1V
THE RISE TIME AND FALL TIME OF INPUTS A AND B < 4ns
Figure 7. Receiver Propagation Delays
S1 OPEN
S2 CLOSED
S3 = +1.5V
RO
3V
0
0
VOH
VOH / 2
S1 OPEN
S2 CLOSED
S3 = +1.5V
tRHZ
3V
0
0
VOH
0.25V
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
3V
0
VOL
VCC
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tRLZ
3V
0
VOL
VCC
1.5V
0.25V
GENERATOR
VCC
+1.5V
1k
Ω
CL
15pF
S2
S1
50
Ω
S3
-1.5V
R
VID
RE
RO
RE
RO
RE
RO
RE
tRZH, tRZH(SHDN)
tRZL, tRZL(SHDN)
(VOL + VCC) / 2
Figure 8. Receiver Enable and Disable Times
MAX3070E–MAX3079E
Maxim Integrated
11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn