Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
Test Circuits and Waveforms (continued)
DE
OUT
tDHZ
0
VCC
VCC / 2
0.25V
0
VOH
GENERATOR
0 OR 3V
S1
50
Ω
D
OUT
tDZH, tDZH(SHDN)
VOM = (0 + VOH) / 2
RL = 500
Ω
CL
50pF
Figure 4. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
DE
VCC
OUT
tDLZ
0
VCC
VCC / 2
GENERATOR
0 OR 3V
S1
50
Ω
D
OUT
tDZL, tDZL(SHDN)
VOM = (VOL + VCC) / 2
RL = 500
Ω
CL
50pF
VOL
0.25V
VCC
Figure 5. Driver Enable and Disable Times (tDZL, tDLZ, tDLZ(SHDN))
MAX3070E–MAX3079E
10
Maxim Integrated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn