Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3070E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part No. MAX3070E
Description  3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3070E Datasheet(HTML) 7 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+3.3V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.6
0.7
0.8
0.9
1.0
0.5
-50
125
DE = VCC
DE = 0
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
0
0
3.5
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
35
0
0
3.5
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
3.05
3.10
3.15
3.20
3.25
3.30
3.00
-50
125
IO = -1mA
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
-50
125
IO = -1mA
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.0
2.5
1.5
2.0
1.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
3.5
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
2.60
1.60
-50
125
RL = 54
Ω
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3
2
-6 -5 -4
-2 -1
0
-3
1
20
40
60
80
100
120
140
160
0
-7
4
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
10
8
6
4
2
20
40
60
80
100
120
140
160
180
0
012
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted. Note: The MAX3077EMSA/PR meets specification over temperature.)
MAX3070E–MAX3079E
Maxim Integrated
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn