Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2306AGEN-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2306AGEN-HF
Description  Surface Mount Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2306AGEN-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2306AGEN-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2306AGEN-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2306AGEN-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2306AGEN-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2306AGEN-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP2306AGEN-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
30V
▼ Small Outline Package
RDS(ON)
50mΩ
▼ Surface Mount Device
ID
4.1A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
90
/W
Data and specifications subject to change without notice
201411142
Halogen-Free Product
Parameter
Rating
Drain-Source Voltage
30
Gate-Source Voltage
+6
Drain Current
3, V
GS @ 4.5V
4.1
Operating Junction Temperature Range
-55 to 150
Drain Current
3, V
GS @ 4.5V
3.3
Pulsed Drain Current
1
16
Storage Temperature Range
Total Power Dissipation
1.38
-55 to 150
Thermal Data
Parameter
1
D
G
S
SOT-23
Advanced Power MOSFETs utilized advanced processing techniques to
achieve the lowest possible on-resistance, extremely efficient and cost-
effectiveness device.
The SOT-23 package is widely used for commercial-industrial applications.
G
D
S
.


Similar Part No. - AP2306AGEN-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results

Similar Description - AP2306AGEN-HF_16

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6300T1 VCC-6300T1 Datasheet
537Kb / 8P
   Surface mount device
logo
Advanced Power Electron...
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
   Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
   Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
   Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2325GEN A-POWER-AP2325GEN_16 Datasheet
66Kb / 5P
   Surface Mount Device
AP3P080N A-POWER-AP3P080N Datasheet
110Kb / 6P
   Surface Mount Device
AP2P052N A-POWER-AP2P052N Datasheet
74Kb / 6P
   Surface Mount Device
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com