Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB1602NSYRCYNDA Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JHB1602NSYRCYNDA
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB1602NSYRCYNDA Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JHB1602NSYRCYNDA Datasheet HTML 1Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 2Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 3Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 4Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 5Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 6Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 7Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 8Page - Jewel Hill Electronic JHB1602NSYRCYNDA Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JHB1602N
VER: 02
- 3 -
Issue date: 2011/11/23
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION
The JHB1602N is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments
and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
2. FEATURES
Transflective and positive
Display Mode
STN(Y-G) module
Display Format
Character 16C x 2L
Input Data
8/4-bit parallel data input from MPU
Multiplexing Ratio 1/16 Duty
Bias
1/5 Bias
Viewing Direction 6 O’clock
Backlight
LED(Y/G)
3. MECHANICAL SPECIFICATION
Item
Specifications
Unit
Dimensional outline
80.0 x 36.0 x 12.7(max)
mm
Resolution
80segs x 16coms
dots
View area
65.0(W) 16.0(H)
mm
Active area
57.7(W) x 9.4(H)
mm
Char. pitch
3.65(W) x 5.05(H)
mm
Char. size
2.95(W) x 4.35(H)
mm
Dots pitch
0.6 (W)×0.55(H)
mm
Dots size
0. 55(W)×0.5(H)
mm


Similar Part No. - JHB1602NSYRCYNDA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB1602A JHE-JHB1602A Datasheet
479Kb / 23P
   The JHB1602A is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602B JHE-JHB1602B Datasheet
480Kb / 23P
   The JHB1602B is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602E-001 JHE-JHB1602E-001 Datasheet
484Kb / 23P
   The JHB1602E is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602F JHE-JHB1602F Datasheet
489Kb / 23P
   The JHB1602F is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602I JHE-JHB1602I Datasheet
588Kb / 24P
   The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
More results

Similar Description - JHB1602NSYRCYNDA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com