Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHS1350F Datasheet(PDF) 1 Page - Faraday Technology

Part # FHS1350F
Description  PRE A-D ANTI-ALIASING FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FHS1350F Datasheet(HTML) 1 Page - Faraday Technology

  FHS1350F Datasheet HTML 1Page - Faraday Technology FHS1350F Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA156d
Page 1 of 2
Dec-99(A)
The FHS1350F is a low cost solution for pre A-to-D anti-aliasing filtering of luminance, composite
or Y/C signals. Interfacing to the system is simplified with high input and low output impedance op-
amp buffer stages.
Filter Shape
Lowpass
Passband Shape
Flat
Gain
- 0.2 dB + 0.2 dB
with pin 6 open
+5.8 dB + 0.2 dB
with pin 6 gnd
End Of Passband
5.5 MHz
Passband Amplitude Ripple wrt 100 kHz
+ 0.2 dB max
Loss at 8.0 MHz wrt 5.5 MHz
30 dB + 2 dB
Start Of Stopband
9.0 MHz
Stopband Attenuation wrt 5.5 MHz
40 dB min to 50 MHz
Group Delay Ripple wrt 200 kHz
+ 25 ns max to 5.5 MHz
Delay Time at 200 kHz
314 ns + 10 ns
Supply Voltage
+ 5v to + 8v
Typical Current
25 mA per rail at + 5v
Input Impedance
10 M
Ω typical
Aqueous Washable
Yes
Package
DR00032A
FHS1350F
PRE A-D ANTI-ALIASING FILTER


Similar Part No. - FHS1350F

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FHS1350S FARADAY-FHS1350S Datasheet
92Kb / 2P
   POST D-A RECONSTRUCTION FILTER
More results

Similar Description - FHS1350F

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
   ANTI-ALIASING PRE FILTER
AH849 FARADAY-AH849 Datasheet
64Kb / 2P
   FULLY BUFFERED ANTI-ALIASING PRE/POST FILTER
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
   HDTV ANTI-ALIASING FILTER
logo
Faraday Technology
AH892 FARADAY-AH892 Datasheet
47Kb / 2P
   PRE A-D FILTER
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
   Ultralow-power accelerometer with AI & anti-aliasing
Rev 2 - November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com