Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC-120R Datasheet(PDF) 1 Page - Faraday Technology

Part # ADC-120R
Description  VIDEO FRONT-END MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

ADC-120R Datasheet(HTML) 1 Page - Faraday Technology

  ADC-120R Datasheet HTML 1Page - Faraday Technology ADC-120R Datasheet HTML 2Page - Faraday Technology ADC-120R Datasheet HTML 3Page - Faraday Technology ADC-120R Datasheet HTML 4Page - Faraday Technology ADC-120R Datasheet HTML 5Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara064d.doc
Page 1 of 5
Apr-01(E)
The ADC-100 range converts analogue video in various formats to 10 or 12 bit parallel digital
video. The range provides a complete front end solution for the digitising of high quality
component, composite or s-video. The module incorporates a tightly specified anti-aliasing filter, an
A-D converter and a digital filter all on a board measuring no more than 1044mm
2 (1.65sq in).
Features
Typical applications
• ± 5V operation
• Video Broadcast and studio equipment
• High impedance input stage
• Digital Cameras
• Filtered and buffered video o/p
• Telecommunications equipment
• User just provides pixel clock and clamp pulse
• Video Frame Grabber Cards for PCs
• Choice of 10 or 12 bit A-D
• Closed Circuit Security
• Matched digital delay Y,Pb/Pr units
(to eliminate additional delay lines)
ADC-100 BLOCK DIAGRAM
ADC-100 RANGE
VIDEO FRONT-END MODULES


Similar Part No. - ADC-120R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-12-4-75 MINI-ADC-12-4-75 Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-12-4-75++ MINI-ADC-12-4-75+ Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-12-7550 MINI-ADC-12-7550 Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
ADC-12-7550++ MINI-ADC-12-7550+ Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
logo
DATEL, Inc.
ADC-12BMC DATEL-ADC-12BMC Datasheet
105Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Similar Description - ADC-120R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com