Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

iQG48047A096V-1D1-R Datasheet(PDF) 1 Page - TDK Electronics

Part # iQG48047A096V-1D1-R
Description  300-450W Quarter Brick Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iQG48047A096V-1D1-R Datasheet(HTML) 1 Page - TDK Electronics

  iQG48047A096V-1D1-R Datasheet HTML 1Page - TDK Electronics iQG48047A096V-1D1-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
181
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
iQG Series
Features
Standard Quarter Brick Footprint
36-75VDC Input
9.6 or 12V Outputs
Through Hole Mounting
Low 13.2mm Profile
1500VDC Basic Isolation
High operating efficiency (up to 95%)
Constant switching frequency
Starts with pre-biased output
Baseplate cooled
Parallel Operation (400W model)
300-450W Quarter Brick Converters
Note: See website for detailed specifications and test methods
(1) See detailed datasheet for derating
Key Market Segments & Applications
Model
iQG48033A120V-000-109
iQG48033A120V-1D1 & 1D9
iQG48042A120V-109 & 1U9
Nominal Output Voltage
VDC
12V
12V
12V
Input Voltage Range
VDC
36 - 75VDC
39 - 75VDC
Input Current (max)
A
10.5A
15A
Efficiency (48V Input)
%
94.5%
Output Voltage Tolerance
VDC
11.5 - 11.85
11.6 - 12.0
11.93 - 12.35
Output Voltage Adjustment
-
None
Ripple & Noise (max) (pk - pk)
mV
125mV
150mV
175mV
Line Regulation (typical)
mV
20mV
12mV
Load Regulation (typical)
mV
35mV
n/a
35mV (-109 only)
Overload Protection (typ)
A
39A (non-latching)
52A (non-latching)
Overvoltage Protection
VDC
13.7 - 15.6 (latching)
Remote Sense
-
No
Yes
No
Remote On / Off
-
Negative
Current Share (Droop Mode)
-
No
Yes
(-1U9 only)
Current Share Accuracy
-
-
±10% (50-100% of total load)
Temperature (operating)
°C
-40 to 124°C (1)
-40 to 125°C (1)
Temperature (storage)
°C
-55 to 125
Humidity (operating)
%RH
20-95% RH Non Condensing
Humidity (storage)
%RH
10-95% RH Non Condensing
Cooling
-
Conduction, convection, or forced air (See detailed datasheet for derating)
Isolation Voltage
VDC
1500VDC Input to Output, Input to Baseplate
Vibration (non operating)
-
5-50Hz @ 0.5g (4.9m/s2) and 50-500Hz @ 1.5g (14.7m/s2) per Bellcore TR-EOP-000063-5.4.4
Shock
-
196.1m/s2
Safety Agency Certifications
-
UL60950-1 (US and Canada), VDE0805 (IEC60950-1), CB scheme (IEC60950-1), CE Mark
Weight
g
70g
88g
Size (LxWxH)
mm
57.91 x 36.83 x 13.21
57.91 x 36.83 x 13.97
Warranty
Yrs
3 Years
Specifications


Similar Part No. - iQG48047A096V-1D1-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IQG48033A120V-109-R TDK-IQG48033A120V-109-R Datasheet
189Kb / 2P
   DC-DC Converters
IQG48033A120V-JD9-R TDK-IQG48033A120V-JD9-R Datasheet
189Kb / 2P
   DC-DC Converters
More results

Similar Description - iQG48047A096V-1D1-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
TDK Electronics
PAH450S4848 TDK-PAH450S4848 Datasheet
415Kb / 2P
   300W to 450W Half Brick Converters
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com