Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5980-7 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # RHD5980-7
Description  RadHard-by-Design RHD5980 Octal Bus Transceiver Bidirectional Voltage Level Shifter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5980-7 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  RHD5980-7 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5980-7 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5980-7 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5980-7 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5980-7 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SCD5980 Rev A 4/29/14
Aeroflex Plainview
ELECTRICAL PERFORMANCE CHARACTERISTICS (Cont.)
(TC = -55°C TO +125°C, VCCA = 5.5 V, VCCB = 3.6 V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
PORT B
Quiescent Supply Current
ICCB
VIN = 3.6 V or GND, No Load
15
uA
Quiescent Supply Current
Delta
ICCB
One input at 2.7 V to 3.6 V - 0.6 V,
Other inputs at 2.7 V to 3.6 V or GND
50
uA
High Level Output Voltage
VOH
IOH = -100 uA
VCCB = 2.7 V to 3.6 V
VCCB
-0.2
V
IOH = -12 mA
VCCB = 2.7 V
2.2
VCCB = 3.0 V
2.4
Low Level Output Voltage
VOL
IOH = 100 uA
VCCB = 2.7 V to 3.6 V
0.2
V
IOH = 12 mA
VCCB = 2.7 V
0.55
VCCB = 3.0 V
0.55
Three-state I/O Leakage
Current High 3/
IIOH
VIN = 3.6 V
-500
500
nA
Three-state I/O Input
Leakage Current Low 3/
IIOL
VIN = GND
-500
500
nA
Input/Output Capacitance 2/CIO
VO = 5.0 V or GND
11 TYP
pF
Switching
Pro[agation Delay Time
A to B
tPHL
VCCA = 4.5 V to 5.5 V, VCCB = 2.7 V to 3.6 V,
CL = 50pF
1
20
ns
tPLH
1
20
ns
Propagation Delay Time
B to A
tPHL
1
20
ns
tPLH
1
20
ns
Propagation Delay Time,
Output Enabled
OE_L to A
tPZL
1
30
ns
tPZH
1
30
ns
Propagation Delay Time,
Output Enabled
OE_L to B
tPZL
1
30
ns
tPZH
1
30
ns
Propagation Delay Time,
Output Disabled
OE_L to A
tPLZ
1
30
ns
tPHZ
1
30
ns
Propagation Delay Time,
Output Disabled
OE_L to B
tPLZ
1
30
ns
tPHZ
1
30
ns
Notes:
1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ 25°C.
2/ Not tested. Shall be guaranteed by design, characterization or correlation to other test parameters.
3/ These parameters for Tc = -55°C are guaranteed by design, characterization, or correlation to other test parameters.


Similar Part No. - RHD5980-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5980-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
logo
List of Unclassifed Man...
AM2947 ETC1-AM2947 Datasheet
512Kb / 9P
   Octal Three-State Bidirectional Bus Transceiver
logo
Aeroflex Circuit Techno...
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com