Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5958 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5958
Description  RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5958 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5958 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD5958 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SCD5958 Rev A 3/6/14
Aeroflex Plainview
Gain compression will occur near either power supply extremes but can be avoided if the references are more
than 200mV away from the respective supply terminals. The input span can be less than 4 volts at the expense of
ultimate resolution
The analog channels input impedance is primary capacitance (20pF typical). The input voltage charges a
track-and-hold hold capacitor through transmission gates. The input bandwidth is determined by the slew rate of
the hold amplifier and is adequate to allow input sampling in three clock periods (3uS nominal). The ultimate
bandwidth is determined by the aperture uncertainty associated with the closing of the sample gate
(approximately 5nS). The converter bandwidth is then determined by the sampling Nyquist frequency rather than
the input signal; change rate (dv/dt) and the LSB weight in volts as would be the case if there were no sample and
hold.
Start-Convert (STCNV_H), Busy (BUSY_L) and End-Of-Convert (EOC_H) status and control line are provided.
The converter will operate in either continuous or single conversion modes. To operate in continuous mode,
STCNV_H should be tied to BUSY_L. The digital output register changes at the end of a conversion and is
available when EOC_H is asserted High. The output circuitry operates from a voltage independent of the
remainder of the chip such that I/O is compatible with digital systems from, less than 3.3 volts, to 5 volts.
The converter divides the reference voltage into 16 segments with a linear weighted resistor network. The voltage
on any segment is passed to a linear 10-bit DAC for interpolation. The architecture is inherently capable of
monotonic operation. Typically INL is 0.12% FSR and DNL is < 0.03% FSR. The sampled input voltage is
compared to the output of the two stage DAC for a 14-bit successive approximation conversion.
All inputs are protected to both power supply rails by semiconductor diodes. Inputs should be constrained to VCC
+0.4 and GND-0.4 to avoid forward biasing protection paths.
The devices will not latch with SEU events to above 100 MeV-cm2/mg. Total dose degradation is minimal to
above 1 Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014 neutrons
per cm2 range are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU effects are
application dependent.
Notes:
- The STCNV_H is a dynamic input (positive edge triggered) and should not be tied to a static voltage.
- The input signals should be low pass filtered to reduce high frequency noise
- If Sleep mode is enabled (EN_H=0), when waking up (EN_H=1), the unit has to complete an entire
conversion cycle so the digital logic is in the proper state.
Ex. If using a 1MHz clock; after EN_H=1 and 20us after STCNV_H is applied.


Similar Part No. - RHD5958

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-201-1S AEROFLEX-RHD5950-201-1S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-7 AEROFLEX-RHD5950-7 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-901-1S AEROFLEX-RHD5950-901-1S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5950-S AEROFLEX-RHD5950-S Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
More results

Similar Description - RHD5958

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5931 AEROFLEX-RHD5931 Datasheet
295Kb / 4P
   RadHard-by-Design RHD5931 Digital-to-Analog Converter 11-Bit Buffered Output
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com