Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5910-901-2S Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5910-901-2S
Description  RadHard-by-Design RHD5910 Quad Comparator High Speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5910-901-2S Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5910-901-2S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5910-901-2S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5910-901-2S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5910-901-2S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5910-901-2S Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SCD5910 Rev F 12/23/13
Aeroflex Plainview
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Output Delay
TOUT
RLOAD = 2 K
 1/200
ns
Note:
1/ The circuit delay is specified for a half-volt single ended or differential input step, of either polarity, ending in an input polarity reversal of 10mV.
VOL
VOH
TOUT
OUTPUT
SWITCHING DIAGRAM
INPUT
-IN
+IN
Comparator with Hysteresis
VO
R1
R2
R3
VTH
VCC
HYS
VO
R2
R2 R3
+
---------------------
=
VTH
Vcc
R2
R1 R2
+
---------------------
=
Threshold Voltage
Hysteresis Calculation
APPLICATION NOTE 1


Similar Part No. - RHD5910-901-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5911-201-1S AEROFLEX-RHD5911-201-1S Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5911-201-2S AEROFLEX-RHD5911-201-2S Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5911-7 AEROFLEX-RHD5911-7 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5911-901-1S AEROFLEX-RHD5911-901-1S Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
More results

Similar Description - RHD5910-901-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
   RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
   RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
   RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com