Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5911-S Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # RHD5911-S
Description  RadHard-by-Design RHD5911 Quad Comparator Clocked
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5911-S Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  RHD5911-S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5911-S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5911-S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5911-S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5911-S Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SCD5911 Rev C Preliminary 3/2/12
Aeroflex Plainview
16-Pin SOIC
5911
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT_B
OUT_A
CLK_AB
VCC
-IN_A
+IN_A
-IN_B
+IN_B
-IN_C
+IN_C
-IN_D
+IN_D
GND
CLK_CD
OUT_D
OUT_C
Notes:
1. Package and lid are electrically isolated from signal pads.
2. CLK_AB clocks comparator A & B.
CLK_CD clocks comparator C & D.
RHD5911: QUAD CLOCKED COMPARATOR
Power Supply Alarm
R1
R2
R4
R3
PS1
PS2
PS3
PS4
PSSENSE-1
PSSENSE-2
PSSENSE-4
PSSENSE-3
R5
+5V
CPU_CLK
RHD5911: QUAD CLOCKED COMPARATOR
OUT_A
OUT_B
OUT_C
OUT_D
+IN_A
-IN_A
+IN_B
-IN_B
CLK_AB
+IN_C
-IN_C
+IN_D
-IN_D
CLK_CD
6
5
8
7
3
10
9
12
11
14
15
16
1
2
A
B
C
D
13
4
VCC


Similar Part No. - RHD5911-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5910-201-1S AEROFLEX-RHD5910-201-1S Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5910-201-2S AEROFLEX-RHD5910-201-2S Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5910-7 AEROFLEX-RHD5910-7 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5910-901-1S AEROFLEX-RHD5910-901-1S Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
More results

Similar Description - RHD5911-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
   RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
   RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
   RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com