Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHD5904 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part No. RHD5904
Description  RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEROFLEX [Aeroflex Circuit Technology]
Homepage  http://www.aeroflex.com
Logo 

RHD5904 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SCD5904 Rev A Advanced 9/26/12
Aeroflex Plainview
Inverting Amplifier
R1
R3
VOUT
VIN
+5V
R4
R2
+5V
Vbias
VOUT
VIN
R2
R1
-------
=
EN
Non Inverting Amplifier
R1
R3
VOUT
VIN
R4
R2
+5V
+5V
Vbias
VOUT
VIN 1
R2
R1
-------
+
=
EN
Note: For VOUT DC @ mid range of common mode voltage range, VBIAS = 2.5/(1+R2/R1), VBIAS = +5*R4/(R3+R4)
R1
R2
VOUT
VIN
Inverting Amplifier
VOUT
VIN
R2
R1
-------
=
-2.5V
+2.5V
EN
VIN
VOUT
R2
R1
Non Inverting Amplifier
VOUT
VIN 1
R2
R1
-------
+
=
-2.5V
+2.5V
EN
RHD5904 QUAD OPERATIONAL AMPLIFIER APPLICATION NOTES
APPLICATION NOTE 1: DUAL POWER SUPPLY AMPLIFIER
APPLICATION NOTE 2: SINGLE POWER SUPPLY AMPLIFIER


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn